Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL-24W-K Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # ASL-24W-K
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

ASL-24W-K Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  ASL-24W-K Datasheet HTML 1Page - Fujitsu Component Limited. ASL-24W-K Datasheet HTML 2Page - Fujitsu Component Limited. ASL-24W-K Datasheet HTML 3Page - Fujitsu Component Limited. ASL-24W-K Datasheet HTML 4Page - Fujitsu Component Limited. ASL-24W-K Datasheet HTML 5Page - Fujitsu Component Limited. ASL-24W-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AS SERIES
NOT
FOR
NEW
DESIGNS
Nominal voltage
Contact rating
0.5 A
125 VAC
1.5 to 48 VDC
2 A
30 VDC
resistive
0.3 A
110 VDC
s SAFETY STANDARD AND FILE NUMBERS
UL478, 508 (File No. E45026)
C22.2 No. 14 (File No. LR35579)
Only UL/CSA approval markings are marked on the cover.
s SPECIFICATIONS
Standard Type
Single Winding Latching Type Double Winding Latching Type
Item
AS-( ) W-K
ASL-( ) W-K
ASL-D ( ) W-K
Contact
Arrangement
2 Form C (DPDT)
Material
Gold overlay silver alloy
Style
Bifurcated
Resistance (initial)
Maximum 50 m
Ω (at 1 A 6 VDC)
Rating (resistive)
0.5 A 125 VAC or 1 A 30 VDC
Maximum Carrying Current
2 A
Maximum Switching Power
62.5 AV, 30 W
Maximum Switching Voltage
250 VAC, 220 VDC
Maximum Switching Current
2 A
Minimum Switching Load*1
0.01 mA 10 mVDC
Capacitance
Approximately 0.5 pF (between open contacts, adjacent contacts)
(at 1 kHz)
Approximately 1.0 pF (between coil and contacts)
Coil
Nominal Power (at 20
°C)
0.14 to 0.3 W
0.1 to 0.15 W
0.20 to 0.3 W
Operate Power (at 20
°C)
0.08 to 0.17 W
0.06 to 0.085 W
0.11 5 to 0.17 W
Operating Temperature
–40
°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage)
Maximum 6 ms
Maximum 6 ms (set)
Release (at nominal voltage)
Maximum 4 ms
Maximum 6 ms (reset)
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
between open contacts
750 VAC 1 minute
Dielectric
between adjacent contacts
1,000 VAC 1 minute
Strength
between coil and contacts
1,000 VAC 1 minute
Surge Strength
1,500 V (at 10
× 160 µs) (between coil and contacts)
Life
Mechanical
1
× 108 operations minimum
1
× 107 operations minimum
Electrical
2
× 105 ops. min. (0.5 A 125 VAC), 5 × 105 ops. min. (1 A 30 VDC)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 3.3 mm)
Resistance Endurance
10 to 55 Hz (double amplitude of 5.0 mm)
Shock
Misoperation
500 m/s2 (11
±1 ms)
Resistance Endurance
1,000 m/s2 ( 6
±1 ms)
Weight
Approximately 1.5 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.


Similar Part No. - ASL-24W-K

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL-0100 ASTRODYNE-ASL-0100 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0100 ASTRODYNE-ASL-0100 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0101 ASTRODYNE-ASL-0101 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0101 ASTRODYNE-ASL-0101 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL-0102 ASTRODYNE-ASL-0102 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
More results

Similar Description - ASL-24W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com