Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR46ND006-P-15 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR46ND006-P-15
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR46ND006-P-15 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR46ND006-P-15 Datasheet HTML 1Page - Fujitsu Component Limited. FBR46ND006-P-15 Datasheet HTML 2Page - Fujitsu Component Limited. FBR46ND006-P-15 Datasheet HTML 3Page - Fujitsu Component Limited. FBR46ND006-P-15 Datasheet HTML 4Page - Fujitsu Component Limited. FBR46ND006-P-15 Datasheet HTML 5Page - Fujitsu Component Limited. FBR46ND006-P-15 Datasheet HTML 6Page - Fujitsu Component Limited. FBR46ND006-P-15 Datasheet HTML 7Page - Fujitsu Component Limited. FBR46ND006-P-15 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
n
FEATURES
l
Miniature size
About 50% smaller in volume compared with the FBR240
series used mainly in communication equipment.
l
High surge voltage
2,500 V minimum of surge strength (Bellcore standard), and 1,500
VAC minimum of dielectric strength between coil and contact (-15,
-16 type).
l
Low power consumption
85 mW of operate power (150 mW of nominal power con-
sumption) by built-in permanent magnet.
l
Shipping tube package
l
RoHS compliant since date code: 0433A
Please see page 7 for more information
(a)
Series Name
FBR46 : FBR46 Series
(b)
Enclosure
N
: Plastic sealed
(*)
Coil Type
D
: Standard, -15, -16 (DC coil)
G
: 65% Operate type
(c)
Nominal Voltage
(Example) Standard, -15, -16 type
(Example) Latching type
005: 5 VDC
05: 5 VDC
012: 12 VDC
12: 12 VDC
(refer to the COIL DATA CHART)
(d)
Contact Material
–P
: Gold-overlay silver-palladium
(e)
Dielectric Strength
Nil
: Between coil and contacts 1,000 VAC, between contacts 750 VAC
-15
: Between coil and contacts 1,500 VAC, between contacts 750 VAC
-16
: Between coil and contacts 1,500 VAC, between contacts 1,000 VAC
(f)
SafetySpecification
Nil
:Standard(UL114recognized)
-CSA :UL114+CSArecognized
Note: The designation name is stamped on the top of the relay case as follows:
(Example) Designation ordered: FBR46ND012-P
Stamp: 46ND012-P
n
ORDERING INFORMATION
FBR46
N
D
012
-P -15 -CSA
[Example]
(a)
(b)
(*)
(c)
(d) (e)
(f)
FBR46 SERIES
MINIATURE RELAY
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)
1
RoHS compliant
To be
Discon
Tinue
D


Similar Part No. - FBR46ND006-P-15

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46 Datasheet
59Kb / 7P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING) FBR46 SERIES
More results

Similar Description - FBR46ND006-P-15

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com