Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR46ND009-P-16 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FBR46ND009-P-16
Description  MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR46ND009-P-16 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FBR46ND009-P-16 Datasheet HTML 1Page - Fujitsu Component Limited. FBR46ND009-P-16 Datasheet HTML 2Page - Fujitsu Component Limited. FBR46ND009-P-16 Datasheet HTML 3Page - Fujitsu Component Limited. FBR46ND009-P-16 Datasheet HTML 4Page - Fujitsu Component Limited. FBR46ND009-P-16 Datasheet HTML 5Page - Fujitsu Component Limited. FBR46ND009-P-16 Datasheet HTML 6Page - Fujitsu Component Limited. FBR46ND009-P-16 Datasheet HTML 7Page - Fujitsu Component Limited. FBR46ND009-P-16 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FBR46 SERIES
To be
Discon
Tinue
D
■ Dimensions
■ Schematics
(BOTTOM VIEW)
■ PC board mounting hole
layout (BOTTOM VIEW)
■Tube carrier
5.08
(1.0)
12.8 max.
501 maximum
5.08
7.62
(1.09)
.54
15.9+0.1
9.8+0.1
1
3
5 6
12
10
8 7
Polarity
5.08 5.08 2.54
8–ø0.8
n
DIMENSIONS
■ Dimensions (Latching type)
■ Schematics
(BOTTOM VIEW)
■ PC board mounting hole
layout (BOTTOM VIEW)
■ Tube carrier
5.08
12.8 max.
501 maximum
5.08
2.54
15.9+0.1
9.8+0.1
1
3
5 6
12
10
8 7
polarity
5.08 5.08 2.54
10–ø0.8
Note: ·No 2, 11 terminals are for double winding latching type only.
·(
) (
) are reset polarity for single winding latching type.
·The terminal number is not shown on the relay.
]
2
11
( )
2.54
( )
(1.0)
7.62
(1.09)
2.54
Unit:mm


Similar Part No. - FBR46ND009-P-16

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46 Datasheet
59Kb / 7P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING) FBR46 SERIES
More results

Similar Description - FBR46ND009-P-16

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com