Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C512DI-25 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X28C512DI-25
Description  5 Volt, Byte Alterable E2PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C512DI-25 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X28C512DI-25 Datasheet HTML 2Page - Xicor Inc. X28C512DI-25 Datasheet HTML 3Page - Xicor Inc. X28C512DI-25 Datasheet HTML 4Page - Xicor Inc. X28C512DI-25 Datasheet HTML 5Page - Xicor Inc. X28C512DI-25 Datasheet HTML 6Page - Xicor Inc. X28C512DI-25 Datasheet HTML 7Page - Xicor Inc. X28C512DI-25 Datasheet HTML 8Page - Xicor Inc. X28C512DI-25 Datasheet HTML 9Page - Xicor Inc. X28C512DI-25 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
X28C512/X28C513
HARDWARE DATA PROTECTION
The X28C512/513 provides three hardware features
that protect nonvolatile data from inadvertent writes.
• Noise Protection—A
WE pulse typically less than
10ns will not initiate a write cycle.
• Default VCC Sense—All write functions are inhibited
when VCC is ≤3.6V.
• Write Inhibit—Holding either
OE LOW, WE HIGH,
or
CE HIGH will prevent an inadvertent write cycle
during power-up and power-down, maintaining data
integrity. Write cycle timing specifications must be
observed concurrently.
SOFTWARE DATA PROTECTION
The X28C512/513 offers a software controlled data
protection feature. The X28C512/513 is shipped from
Xicor with the software data protection NOT ENABLED;
that is, the device will be in the standard operating mode.
In this mode data should be protected during power-up/
-down operations through the use of external circuits.
The host would then have open read and write access
of the device once VCC was stable.
The X28C512/513 can be automatically protected dur-
ing power-up and power-down without the need for
external circuits by employing the software data protec-
tion feature. The internal software data protection circuit
is enabled after the first write operation utilizing the
software algorithm. This circuit is nonvolatile and will
remain set for the life of the device unless the reset
command is issued.
Once the software protection is enabled, the X28C512/
513 is also protected from inadvertent and accidental
writes in the powered-up state. That is, the software
algorithm must be issued prior to writing additional data
to the device. Note: The data in the three-byte enable
sequence is not written to the memory array.
SOFTWARE ALGORITHM
Selecting the software data protection mode requires
the host system to precede data write operations by a
series of three write operations to three specific ad-
dresses. Refer to Figure 4a and 4b for the sequence.
The three byte sequence opens the page write window
enabling the host to write from one to one hundred
twenty-eight bytes of data. Once the page load cycle has
been completed, the device will automatically be re-
turned to the data protected state.


Similar Part No. - X28C512DI-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C512DI-12 INTERSIL-X28C512DI-12 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512DI-12 RENESAS-X28C512DI-12 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C512DI-15 INTERSIL-X28C512DI-15 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C512DI-15 INTERSIL-X28C512DI-15 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512DI-15 RENESAS-X28C512DI-15 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C512DI-25

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com