Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQ25-3C96 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # EQ25-3C96
Description  EQ cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

EQ25-3C96 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  EQ25-3C96 Datasheet HTML 1Page - Ferroxcube International Holding B.V. EQ25-3C96 Datasheet HTML 2Page - Ferroxcube International Holding B.V. EQ25-3C96 Datasheet HTML 3Page - Ferroxcube International Holding B.V. EQ25-3C96 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
3
Ferroxcube
EQ cores and accessories
EQ25
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
CORE
COMBINATION
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T=25
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f= 500 kHz;
=50 mT;
T=100
°C
EQ+EQ25-3C94
≥ 320
≤ 0.37
−≤ 2.5
EQ+EQ25-3C95
≥ 320
−≤ 2.45
≤ 2.32
EQ+EQ25-3C96
≥ 340
≤ 0.28
−≤ 1.9
≤ 1.5
EQ+EQ25-3F35
≥ 300
−−
≤ 0.56
CORE
COMBINATION
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 10 kHz;
T = 100
°C
f = 500 kHz;
= 100 mT;
T=100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 1 MHz;
=50 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T = 100
°C
EQ+EQ25-3F35
≥ 300
≤ 4.3
−−−
EQ+EQ25-3F4
≥ 300
−≤ 1.25
−≤ 2.0
EQ+EQ25-3F45
≥ 300
−≤ 0.95
≤ 3.5
≤ 1.6
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - EQ25-3C96

ManufacturerPart #DatasheetDescription
logo
Power-One
EQ2540-7R POWER-ONE-EQ2540-7R Datasheet
139Kb / 4P
   60...132 Watt DC-DC Converters
logo
Ferroxcube Internationa...
EQ25LP FERROXCUBE-EQ25LP Datasheet
51Kb / 4P
   EQ cores and accessories
More results

Similar Description - EQ25-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EQ20R FERROXCUBE-EQ20R Datasheet
21Kb / 1P
   EQ cores and accessories
EQ38 FERROXCUBE-EQ38 Datasheet
57Kb / 5P
   EQ cores and accessories
EQ25LP FERROXCUBE-EQ25LP Datasheet
51Kb / 4P
   EQ cores and accessories
EQ13 FERROXCUBE-EQ13 Datasheet
59Kb / 5P
   EQ cores and accessories
EQ30 FERROXCUBE-EQ30 Datasheet
66Kb / 6P
   EQ cores and accessories
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
PQ26 FERROXCUBE-PQ26 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ32 FERROXCUBE-PQ32 Datasheet
65Kb / 6P
   PQ cores and accessories
CP-E56-1S FERROXCUBE-CP-E56-1S Datasheet
33Kb / 1P
   E cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com