Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHC105K1K Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # AHC105K1K
Description  AH Aluminum Housed Power Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

AHC105K1K Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  AHC105K1K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. AHC105K1K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. AHC105K1K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. AHC105K1K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. AHC105K1K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. AHC105K1K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. AHC105K1K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
06 of 07
Surface Temperature Versus Power Load (Mounted on heat-sink chassis)
Reduced Heat Sink Derating
Ambient Temperature Derating
AH-250
AH-100
AH-50
AH-25
AH-10
AH-5
100
80
60
40
2
100
150
50
0
% OF RATED POWER
120
100
80
60
40
20
0
325
275
225
175
125
75
25
AMBIENT TEMP(°C)
ALUMINUM CHASSIS
A
B
C
Derating is required for ambient temperatures
above 25°C, see the graph.
Curve Aluminum Chassis applies to all types when
mounted to specified heat sink.
Curves A, B, C apply to operation of
unmounted resistors.
● Curves A:
AH 5 and 10 watt unites, unmounted.
● Curves B:
AH 25 watt units, unmounted.
● Curves C:
AH 50, 100 and 250 watt units, unmounted.
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
A
B
C
% OF Recommended Heat Sink Area
Derating is also required when recommended
heat sink area is reduced.
● Curves A:
AH-5 and AH-10 size resistor.
● Curves B:
AH-25 size resistor.
● Curves C:
AH-50, AH-100 and AH-250 size resistor.
AH Aluminum Housed Power Resistors
TOKEN
18 of 90
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - AHC105K1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AHC123A TI-AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
AHC125 TI-AHC125 Datasheet
940Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
AHC138 TI-AHC138 Datasheet
135Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
AHC139 TI-AHC139 Datasheet
756Kb / 17P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
AHC14 TI-AHC14 Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - AHC105K1K

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
   ALUMINUM HOUSED RESISTORS
logo
Riedon Powertron
UAL10-2R5F8 RIEDON-UAL10-2R5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com