Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR22NH24-P Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR22NH24-P
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR22NH24-P Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR22NH24-P Datasheet HTML 1Page - Fujitsu Component Limited. FBR22NH24-P Datasheet HTML 2Page - Fujitsu Component Limited. FBR22NH24-P Datasheet HTML 3Page - Fujitsu Component Limited. FBR22NH24-P Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s FEATURES
q
Low power consumption
High efficiency electromagnetic circuit saves power
consumption.
Nominal power consumption: 200 mW
Operate power consumption: 112 mW
q
Strong shock resistance
Even with 500 m/s2 shock, FBR20H Series relays never
miss an operation.
q
High dielectric strength type available (conforms to
FCC68.302)
Dielectric strength between coil-contact:
AC 1,000 V
Surge strength between coil-contact: 1,500 V
q
Easy pattern design
Separate location of drive (coil) and output (contact)
terminals allows easy PC board pattern design.
q
Formed terminals for temporary mounting
The uniquely designed terminals allow FBR20H Series
relays to be mounted temporarily on PC boards.
q
UL recognized (File No. E63615)
q
Tube packaging
(a)
Series Name
FBR21: FBR20H Series (single contact)
(Contact Style)
FBR22: FBR20H Series (bifurcated contact)
(b)
Enclosure
Nil: Flux free type
N: Plastic sealed type
(Example) H03: 3 VDC
(c)
Nominal Voltage
H05: 5 VDC
H12: 12 VDC (refer to the COIL DATA CHART)
(d)
UL Standard
No designation: standard
U: UL114 recognized
(e)
Contact Material
P: Gold-overlay silver-palladium
(f)
Special Type
Nil: Standard
02: High dielectric strength type
Note: The designation name is stamped on the top of the relay case as follows:
(Example) Designation ordered: FBR21H05-P
Stamp: 21H05-P
s ORDERING INFORMATION
FBR21 N
H12
U
– P
(–02)
[Example]
(a)
(b)
(c)
(d)
(e)
(f )
FBR20H SERIES
MINIATURE RELAY
1 POLE—1 to 2 A (FOR SIGNAL SWITCHING)
1
NOT
FOR
NEW
DESIGNS
-
TO
BE
DISCONTINUED


Similar Part No. - FBR22NH24-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR22ND01-P FUJITSU-FBR22ND01-P Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22ND03-P FUJITSU-FBR22ND03-P Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22ND05-P FUJITSU-FBR22ND05-P Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22ND06-P FUJITSU-FBR22ND06-P Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR22ND09-P FUJITSU-FBR22ND09-P Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR22NH24-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com