Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6075-H-ABC0-D-E Datasheet(PDF) 1 Page - Schurter Inc.

Part # 6075-H-ABC0-D-E
Description  IEC Appliance Inlet C10, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6075-H-ABC0-D-E Datasheet(HTML) 1 Page - Schurter Inc.

  6075-H-ABC0-D-E Datasheet HTML 1Page - Schurter Inc. 6075-H-ABC0-D-E Datasheet HTML 2Page - Schurter Inc. 6075-H-ABC0-D-E Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Connectors (Inlets/Outlets)
6075
www.schurter.com/pg07
Connectors
IEC Appliance Inlet C10, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
C10
70° C
Description
-PanelMount:
Screw-onmounting,fromfrontside
-ApplianceInlet,Pintemperature70°C,ProtectionclassII
-Solderterminalsorquickconnectterminals
Approvals
-VDELicenseNumber:40009507
-ULLicenseNumber:E96454
-CSALicenseNumber:27324
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,Distributor-Stock-
Check,Accessories
Technical Data
RatingsIEC
6A/250VAC;50Hz
RatingsUL/CSA
6A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>1.5kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class2acc.toIEC61140
Material:Housing
PA,UL94V-0
ApplianceInlet
C10acc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,6A,
ProtectionClass2
Dimensions
50mm
25.7
50
18.5
40
5
40
+0.2
- 0
25.5
Lenght of the terminal please find at the order code configuration table


Similar Part No. - 6075-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
60750ZT172K4HDA TDK-60750ZT172K4HDA Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
60750ZT202K4GDA TDK-60750ZT202K4GDA Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
60750ZT272K4FDA TDK-60750ZT272K4FDA Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
60750ZT402K4DDA TDK-60750ZT402K4DDA Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
logo
Molex Electronics Ltd.
60752A101 MOLEX11-60752A101 Datasheet
20Kb / 1P
   Insulation Punch
More results

Similar Description - 6075-H-ABC0-D-E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6076 SCHURTER-6076 Datasheet
320Kb / 2P
   IEC Appliance Inlet C10, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4798 SCHURTER-4798_18 Datasheet
316Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
1621 SCHURTER-1621_V01 Datasheet
352Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
05.01.2022
4798 SCHURTER-4798 Datasheet
319Kb / 2P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2573 SCHURTER-2573 Datasheet
374Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2574 SCHURTER-2574_13 Datasheet
307Kb / 2P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
6062 SCHURTER-6062_V01 Datasheet
417Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw Terminal
28.02.2013
2574 SCHURTER-2574 Datasheet
324Kb / 2P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
1621_1809 SCHURTER-1621_1809 Datasheet
328Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1621 SCHURTER-1621_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com