Electronic Components Datasheet Search |
|
UPRNS710RFC2 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd. |
|
UPRNS710RFC2 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd. |
4 / 4 page How to Order 8 Type1 10R UPRNS B 04 of 04 Number of Pins: 6, 7, 8 Code Resistance Value (%) 10R 10Ω 100R 100Ω 1K1 1.1KΩ 110K 110KΩ 1M 1MΩ Resistance Value (Ω) Part Number: UPRNS C5 Code Resistance Tolerance (%) Absolute A2 ±0.02 % A5 ±0.05 % B ±0.10 % C ±0.25 % D ±0.50 % F ±1.00 % Relative T ±0.01 % A2 ±0.02 % A5 ±0.05 % B ±0.10 % Resistance Tolerance (%) Code Temperature Coefficient (ppm/°C) Absolute C7 ±5 ppm/°C C6 ±10 ppm/°C C5 ±15 ppm/°C C3 ±25 ppm/°C C2 ±50 ppm/°C Relative C10 ±2 ppm/°C C9 ±3 ppm/°C C7 ±5 ppm/S°C C6 ±10 ppm/°C C5 ±15 ppm/°C Temperature Coefficient (ppm/°C) Construction: Type1, Type2, Type3. Version 2010 Back to 1st Page - Precision Resistor Network (UPRNS) UPRNS Network Precision Resistors TOKEN http://www.token.com.tw/ rfq token.com.tw |
Similar Part No. - UPRNS710RFC2 |
|
Similar Description - UPRNS710RFC2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |