Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER64-3C92 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # ER64-3C92
Description  Planar ER cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ER64-3C92 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  ER64-3C92 Datasheet HTML 1Page - Ferroxcube International Holding B.V. ER64-3C92 Datasheet HTML 2Page - Ferroxcube International Holding B.V. ER64-3C92 Datasheet HTML 3Page - Ferroxcube International Holding B.V. ER64-3C92 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
2
Ferroxcube
Planar ER cores and accessories
ER64/13/51
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.164
mm−1
Ve
effective volume
52600
mm3
Ie
effective length
93.0
mm
Ae
effective area
566
mm2
Amin
minimum area
507
mm2
m
mass of core half
≈ 152
g
MFP221
R0.25 max (4x)
6.25
± 0.25
12.7
± 0.2
25.4
± 0.5
A
R2.0 (8x)
3 +
0.3
− 0
R1.0
(2x)
Section A-A
50.8
± 1.0
A
5.0 min (2x)
53.5
± 1.0
64
± 1.0
Fig.1 ER64/13/51 core half.
Dimensions in mm.
Core halves for general purpose transformers and power applications
Clamping force for AL measurements, 200
± 25 N.
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C92
10600
± 25 %
≈ 1390
≈ 0
ER64/13/51-3C92
3C93
12300
± 25 %
≈ 1610
≈ 0
ER64/13/51-3C93
3C95
18920
± 25 %
≈ 2475
≈ 0
ER64/13/51-3C95
3C96
13400
± 25 %
≈ 1760
≈ 0
ER64/13/51-3C96
3F3
13400
± 25 %
≈ 1760
≈ 0
ER64/13/51-3F3
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 100 kHz;
=100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T=25
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f= 400 kHz;
=50 mT;
T=100
°C
f = 500 kHz;
=50mT;
T = 100
°C
3C92
≥ 370
≤ 5.3
−≤ 32.4
−−
3C93
≥ 320
≤ 5.3 (1)
1.
Measured at 140
°C.
−≤ 32.4 (1)
−−
3C95
≥ 320
−≤ 36.5
≤ 34.7
−−
3C96
≥ 340
≤ 3.71
−≤ 24
−≤ 22.7
3F3
≥ 300
≤ 6.3
−−
≤ 10.2
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - ER64-3C92

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ER60-104 VISHAY-ER60-104 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER60-105 VISHAY-ER60-105 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER60-106 VISHAY-ER60-106 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER60-126 VISHAY-ER60-126 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER60-205 VISHAY-ER60-205 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - ER64-3C92

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER32 FERROXCUBE-ER32 Datasheet
49Kb / 4P
   Planar ER cores and accessories
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER14.5-3-7-3C92-S FERYSTER-ER14.5-3-7-3C92-S Datasheet
38Kb / 6P
   Planar ER cores and accessories
logo
Ferroxcube Internationa...
ER23 FERROXCUBE-ER23 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER41 FERROXCUBE-ER41 Datasheet
51Kb / 4P
   Planar ER cores and accessories
ER51 FERROXCUBE-ER51 Datasheet
50Kb / 4P
   Planar ER cores and accessories
ER11 FERROXCUBE-ER11 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER95 FERROXCUBE-ER95 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER14.5 FERROXCUBE-ER14.5 Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER18 FERROXCUBE-ER18 Datasheet
49Kb / 4P
   Planar ER cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com