Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER9.5-3C94-A63-S Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # ER9.5-3C94-A63-S
Description  Planar ER cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ER9.5-3C94-A63-S Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  ER9.5-3C94-A63-S Datasheet HTML 1Page - Ferroxcube International Holding B.V. ER9.5-3C94-A63-S Datasheet HTML 2Page - Ferroxcube International Holding B.V. ER9.5-3C94-A63-S Datasheet HTML 3Page - Ferroxcube International Holding B.V. ER9.5-3C94-A63-S Datasheet HTML 4Page - Ferroxcube International Holding B.V. ER9.5-3C94-A63-S Datasheet HTML 5Page - Ferroxcube International Holding B.V. ER9.5-3C94-A63-S Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008 Sep 01
3
Ferroxcube
Planar ER cores and accessories
ER9.5/2.5/5
Core sets of high permeability grades
Clamping force for AL measurements, 10
±5N.
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3E5
3600 +40/
−30%
≈ 4800
≈ 0
ER9.5/2.5/5-3E5-S
3E6
4800 +40/
−30%
≈ 6400
≈ 0
ER9.5/2.5/5-3E6-S
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T= 25
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T=100
°C
f = 500 kHz;
=50mT;
T = 100
°C
3C92
≥370
≤ 0.011
−≤ 0.072
−−
3C93
≥320
≤ 0.011(1)
1.
Measured at 140
°C.
−≤ 0.072(1)
−−
3C94
≥320
≤ 0.011
−≤ 0.072
−−
3C95
≥320
−≤ 0.07
≤ 0.07
−−
3C96
≥340
≤ 0.0085
−≤ 0.058
≤ 0.018
≤ 0.045
3F3
≥300
≤ 0.015
−−
≤ 0.025
3F35
≥300
−−
≤ 0.011
≤ 0.016
3F4
≥250
−−
−−
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f= 25 kHz;
T = 100
°C
f = 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30 mT;
T=100
°C
f= 1 MHz;
=50 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T = 100
°C
3F35
≥300
≤ 0.13
−−
3F4
≥250
−≤ 0.036
−≤ 0.056
3F45
≥250
−≤ 0.027
≤ 0.1
≤ 0.048
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - ER9.5-3C94-A63-S

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER9.5-K-1S-8P-CPVS FERYSTER-ER9.5-K-1S-8P-CPVS Datasheet
483Kb / 1P
   PHOSPHOR BRONZE
More results

Similar Description - ER9.5-3C94-A63-S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER32 FERROXCUBE-ER32 Datasheet
49Kb / 4P
   Planar ER cores and accessories
logo
FERYSTER Inductive Comp...
ER9.5-2.5-5-3C92-S FERYSTER-ER9.5-2.5-5-3C92-S Datasheet
39Kb / 6P
   Planar ER cores and accessories
ER14.5-3-7-3C92-S FERYSTER-ER14.5-3-7-3C92-S Datasheet
38Kb / 6P
   Planar ER cores and accessories
logo
Ferroxcube Internationa...
ER23 FERROXCUBE-ER23 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER41 FERROXCUBE-ER41 Datasheet
51Kb / 4P
   Planar ER cores and accessories
ER51 FERROXCUBE-ER51 Datasheet
50Kb / 4P
   Planar ER cores and accessories
ER64 FERROXCUBE-ER64 Datasheet
49Kb / 4P
   Planar ER cores and accessories
ER11 FERROXCUBE-ER11 Datasheet
63Kb / 6P
   Planar ER cores and accessories
ER14.5 FERROXCUBE-ER14.5 Datasheet
61Kb / 6P
   Planar ER cores and accessories
ER18 FERROXCUBE-ER18 Datasheet
49Kb / 4P
   Planar ER cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com