Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETD29-3C96 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # ETD29-3C96
Description  ETD cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ETD29-3C96 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  ETD29-3C96 Datasheet HTML 1Page - Ferroxcube International Holding B.V. ETD29-3C96 Datasheet HTML 2Page - Ferroxcube International Holding B.V. ETD29-3C96 Datasheet HTML 3Page - Ferroxcube International Holding B.V. ETD29-3C96 Datasheet HTML 4Page - Ferroxcube International Holding B.V. ETD29-3C96 Datasheet HTML 5Page - Ferroxcube International Holding B.V. ETD29-3C96 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008 Sep 01
2
Ferroxcube
ETD cores and accessories
ETD29/16/10
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.947
mm−1
Ve
effective volume
547 0
mm3
Ie
effective length
72.0
mm
Ae
effective area
76.0
mm2
Amin
minimum area
71.0
mm2
m
mass of core half
≈ 14
g
Fig.1 ETD29/16/10 core half.
Dimensions in mm.
handbook, halfpage
MGC259
11
0.3
15.8
0.2
30.6
22
0
1.6
9.8
0
0.6
9.8
0
0.6
1.4
0
Core halves
Clamping force for AL measurements, 40
±20 N. Gapped cores are available on request.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
2350
±25%
≈ 1770
≈ 0
ETD29/16/10-3C90
3C94
2350
±25%
≈ 1770
≈ 0
ETD29/16/10-3C94
3C95
2860
±25%
≈ 2160
≈ 0
ETD29/16/10-3C95
3C96
2200
±25%
≈ 1660
≈ 0
ETD29/16/10-3C96
3F3
2200
±25%
≈ 1660
≈ 0
ETD29/16/10-3F3
3F35
1600
±25%
≈ 1210
≈ 0
ETD29/16/10-3F35


Similar Part No. - ETD29-3C96

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ETD29-K-H-13P FERYSTER-ETD29-K-H-13P Datasheet
171Kb / 1P
   WIDOK ZGORY
ETD29-K-H-14P-3657 FERYSTER-ETD29-K-H-14P-3657 Datasheet
184Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
ETD29-K-H-14P-DS FERYSTER-ETD29-K-H-14P-DS Datasheet
174Kb / 1P
   Grid VIEW PIN-SIDE
ETD29-K-H-5-0 FERYSTER-ETD29-K-H-5-0 Datasheet
82Kb / 1P
   Material korpusu / Bobbin material: T375J
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
   PET FR530
More results

Similar Description - ETD29-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-ETD59-1S-24P FERROXCUBE-CPH-ETD59-1S-24P Datasheet
44Kb / 1P
   ETD cores and accessories
ETD49 FERROXCUBE-ETD49_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD54 FERROXCUBE-ETD54 Datasheet
61Kb / 5P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34 Datasheet
83Kb / 8P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD39 FERROXCUBE-ETD39 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD44 FERROXCUBE-ETD44 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD59 FERROXCUBE-ETD59 Datasheet
61Kb / 5P
   ETD cores and accessories
CPH-ETD44-1S-18P FERROXCUBE-CPH-ETD44-1S-18P Datasheet
97Kb / 1P
   ETD cores and accessories
CPH-ETD54-1S-22P-TZ FERROXCUBE-CPH-ETD54-1S-22P-TZ Datasheet
9Kb / 1P
   ETD cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com