Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETD49-3C94 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # ETD49-3C94
Description  ETD cores and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

ETD49-3C94 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  ETD49-3C94 Datasheet HTML 1Page - Ferroxcube International Holding B.V. ETD49-3C94 Datasheet HTML 2Page - Ferroxcube International Holding B.V. ETD49-3C94 Datasheet HTML 3Page - Ferroxcube International Holding B.V. ETD49-3C94 Datasheet HTML 4Page - Ferroxcube International Holding B.V. ETD49-3C94 Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008 Sep 01
2
Ferroxcube
ETD cores and accessories
ETD49/25/16
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.534
mm−1
Ve
effective volume
24000
mm3
Ie
effective length
114
mm
Ae
effective area
211
mm2
Amin
minimum area
209
mm2
m
mass of core half
≈ 62
g
handbook, halfpage
MGC270
24.7
0.2
49.8
36.1
0
2.2
16.7
0
0.6
16.7
0
0.6
1.8
0
17.7
0.8
0
Fig.1 ETD49/25/16 core half.
Dimensions in mm.
Core halves
Clamping force for AL measurements, 50
±20 N. Gapped cores are available on request.
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
4200
±25%
≈ 1810
≈ 0
ETD49/25/16-3C90
3C94
4200
±25%
≈ 1810
≈ 0
ETD49/25/16-3C94
3C95
5140
±25%
≈ 2210
≈ 0
ETD49/25/16-3C95
3F3
3900
±25%
≈ 1680
≈ 0
ETD49/25/16-3F3
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
=200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f = 100 kHz;
=200 mT;
T=25
°C
f= 100 kHz;
= 200 mT;
T=100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
3C90
≥330
≤ 2.9
≤ 3.1
−−−
3C94
≥330
−≤ 2.3
−≤ 12.4
3C95
≥330
−−
≤ 15.1
≤ 14.4
3F3
≥320
−≤ 3.0
−−
≤ 5.4
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - ETD49-3C94

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
ETD49-K-H-20P FERYSTER-ETD49-K-H-20P Datasheet
115Kb / 1P
   ETD Bobbins
ETD49-K-H-20P-3701 FERYSTER-ETD49-K-H-20P-3701 Datasheet
269Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
ETD49-K-H-20P-DS-3780 FERYSTER-ETD49-K-H-20P-DS-3780 Datasheet
550Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
ETD49-K-V-20P-3752 FERYSTER-ETD49-K-V-20P-3752 Datasheet
180Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C)
ETD49-KH-20P-3701 FERYSTER-ETD49-KH-20P-3701 Datasheet
269Kb / 1P
   PHOSPHOR BRONZE
More results

Similar Description - ETD49-3C94

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-ETD59-1S-24P FERROXCUBE-CPH-ETD59-1S-24P Datasheet
44Kb / 1P
   ETD cores and accessories
ETD49 FERROXCUBE-ETD49_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD54 FERROXCUBE-ETD54 Datasheet
61Kb / 5P
   ETD cores and accessories
ETD29 FERROXCUBE-ETD29 Datasheet
62Kb / 6P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34 Datasheet
83Kb / 8P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD39 FERROXCUBE-ETD39 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD44 FERROXCUBE-ETD44 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD59 FERROXCUBE-ETD59 Datasheet
61Kb / 5P
   ETD cores and accessories
CPH-ETD44-1S-18P FERROXCUBE-CPH-ETD44-1S-18P Datasheet
97Kb / 1P
   ETD cores and accessories
CPH-ETD54-1S-22P-TZ FERROXCUBE-CPH-ETD54-1S-22P-TZ Datasheet
9Kb / 1P
   ETD cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com