Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR161SNCD012-W36 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR161SNCD012-W36
Description  POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR161SNCD012-W36 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR161SNCD012-W36 Datasheet HTML 1Page - Fujitsu Component Limited. FBR161SNCD012-W36 Datasheet HTML 2Page - Fujitsu Component Limited. FBR161SNCD012-W36 Datasheet HTML 3Page - Fujitsu Component Limited. FBR161SNCD012-W36 Datasheet HTML 4Page - Fujitsu Component Limited. FBR161SNCD012-W36 Datasheet HTML 5Page - Fujitsu Component Limited. FBR161SNCD012-W36 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FBR161,166 SERIES
To be
Discon
Tinue
D
n
CHARACTERISTIC DATA
n
REFERENCE DATA
1. SERVICE LIFE WITH ACTUAL MOTOR LOAD TEST (example)
•Wipermotor(free,16VDCinrush20A,break2A):morethan3× 105operations
(FBR160-W,silvertinoxidealloy)
•Wipermotor(free,14VDCinrush25A,break5A):morethan5× 105operations
(FBR160-WB,silvertinoxidealloy)
•Doorlockmotor(stall,14VDCinrush-25A):morethan1× 105operations
(FBR160-W,silvertinoxidealloy)
•Doorlockmotor(stall,14VDCinrush-25A):morethan2× 105operations
(FBR166)
2. OPERATING COIL VOLTAGE (example)
[FBR161S(N)ED009-W32,
approximately 380 mW type]
60
70
80
90
100
110
120
130
140
150
160
–10 0 10 20 30 40 50 60 70 80
Operating temperature (°C)
Intermittent coil operation
is required.
Continuously applicable coil
voltage range
Pick-up voltage
(minimum operating voltage)
–10 0 10 20 30 40 50 60 70 80
Intermitted coil operation is
required.
[FBR166S (N) CD012-WB,
approximately 680 mW type]
Operating temperature (°C)
60
70
80
90
100
110
120
130
140
Continuously applicable coil
voltage range
Pick-up voltage
(Minimum operating voltage)
80
60
40
20
0 10 20 30 40 50 60 70 80
0
FBR161
n = 100
Operate
Release
Distribution of operate and release voltage
Nominal voltage multiplying factor (%)
1000
80
60
20
40
0 1 2 3 4 5 6 7 8
0
FBR161
n = 100
Operate
Release
Distribution of operate and release time
Time (ms)
100
75
50
25
0 10 20 30 40 50 60 70 80
0
Contact resistance (m)
Distribution of contact resistance
FBR161
n = 100
–10 0 10 20 30 40 50 60 70 80
Intermittent coil operation
is required.
[FBR161SCD012-W36,
Approximately 450 mW type]
Operating temperature (°C)
60
70
80
90
100
110
120
130
140
Continuously applicable coil
voltage range
Pick-up voltage
(minimum operating voltage)


Similar Part No. - FBR161SNCD012-W36

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR161SCD005 FUJI-FBR161SCD005 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
FBR161SCD005 FUJITSU-FBR161SCD005 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
logo
Fuji Electric
FBR161SCD006 FUJI-FBR161SCD006 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
FBR161SCD006 FUJITSU-FBR161SCD006 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
logo
Fuji Electric
FBR161SCD009 FUJI-FBR161SCD009 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
More results

Similar Description - FBR161SNCD012-W36

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P6 FUJITSU-FTR-P6 Datasheet
444Kb / 7P
   MICRO SURFACE MOUNT RELAY 1 POLE-25 A (For Automotive Applications)
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com