Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRL-274 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FRL-274
Description  HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FRL-274 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FRL-274 Datasheet HTML 1Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 2Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 3Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 4Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 5Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 6Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 7Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 8Page - Fujitsu Component Limited. FRL-274 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FRL-274 SERIES
To be
Discon
Tinue
D
2. OPERATING COIL VOLTAGE (EXAMPLE)
3. LIFE TEST (EXAMPLE)
[Low power (H type)]
Operating temperature range (ºC)
80
Pick-up
voltage
Contact
carry
15A
60
70
80
90
100
110
120
130
140
10 0 10 20 30 40 50 60 70
150
160
Continuous carrying
range
Intermittant
operation
is
required
at
15
A
[Standard (D type)]
Operating temperature range(ºC)
80
10
0 10 20 30 40 50 60 70
Pick-up
voltage
Pick-up voltage of
51,56 type
Contact carry 15 A
Pick-up voltage of 01 type (0.4 mm gap)
Continuous carry range
50
60
70
80
90
100
110
120
130
Intermittant operation is
required at 15 A
Operating temperature range (°C)
80
Pick-up
voltage
Contact
carry
15A
40
50
60
70
80
90
100
110
120
–10 0 10 20 30 40 50 60 70
130
Continuous carrying
range
[40Atype]
•Shift of pick-up and drop-out voltage
•Shift of contact resistance
(measured at 6 V-1 A)
100
80
60
40
20
0
Pick-up
Drop-out
Initial
20
50
100
500
1,000
Initial
20
50
100
500
1,000
No. of operations (x104)
No. of operations (x104)
1,000
100
10
1
•Test item
16 VDC, 40 A
Motor lock
2 x 105 operations
•Test circuit
•Circuit wave form
40 A
0 A
[40Atype]


Similar Part No. - FRL-274

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND00901AD-A FUJITSU-FRL-274ND00901AD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND00901AS-A FUJITSU-FRL-274ND00901AS-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND00901AY-A FUJITSU-FRL-274ND00901AY-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274ND00901CS-A FUJITSU-FRL-274ND00901CS-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FRL-274

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P1 FUJITSU-FTR-P1 Datasheet
67Kb / 7P
   QUIET POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com