Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR211NAD009 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR211NAD009
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211NAD009 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR211NAD009 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211NAD009 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211NAD009 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211NAD009 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211NAD009 Datasheet HTML 5Page - Fujitsu Component Limited. FBR211NAD009 Datasheet HTML 6Page - Fujitsu Component Limited. FBR211NAD009 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
n
FEATURES
l
2 A maximum carrying current
Capable of 2 A maximum continuous carrying current in the
contact
l
Superior reliability gold-overlay contacts
P type: Gold-overlay silver-palladium contacts
l
International terminal pitch of one inch grid terminal layout
l
High sensitivity, low power dissipation types also available
Standard types: 0.45 W (A or B type)
High sensitivity types: 0.2 W (C or E type)
l
Conforms to FCC 68.302 (high dielectric strength type)
l
UL recognized (File number E63615)
l
CSA recognized (File number LR64026)
l
RoHS compliant since date code: 0433A
Please see page 5 for more information
(a)
Series Name
FBR211
(b)
Enclosure
S: Flux free type
N: Plastic sealed type
A: Standard A type
}(nominalpower450mWtype)
(c)
Coil Power and Schematics
B: Standard B type
C: High sensitivity C type
}(nominalpower200mWtype)
E: High sensitivity E type
(d)
Nominal Voltage
(Example) D003: 3 VDC
D012: 12 VDC (refer to the COIL DATA CHART)
(e)
UL Marking on Cover
Nil : No UL marking
U : UL marking
(f)
Contact Material
P : Gold-overlay silver-palladium
M : Gold-overlay silver
(g)
Special Type
Nil : Standard
2 : High dielectric strength type
(h)
CSA Marking
Nil
: Standard
-CSA : UL + CSA marking (valid when (e) is U)
Note: The designation name is stamped on the top of the relay case as follows:
(Example) Designation ordered: FBR211SAD005-P
Stamp: 211SAD005-P
n
ORDERING INFORMATION
FBR211 S
A D012 U – P
2
(–CSA)
[Example]
(a)
(b) (c)
(d)
(e)
(f) (g)
(h)
FBR211 SERIES
MINIATURE RELAY
1 POLE—1 to 2 A (FOR SIGNAL SWITCHING)
1
RoHS compliant
To be
Discon
Tinue
D


Similar Part No. - FBR211NAD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211NAD003 FUJITSU-FBR211NAD003 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211NAD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com