Selected language     English  ▼


I100 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part No. I100
Description  U, I cores and accessories
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FERROXCUBE [Ferroxcube International Holding B.V.]
Homepage  http://www.ferroxcube.com
Logo 

   
 2 page
background image
2008 Sep 01
1364
Ferroxcube
U, I cores and accessories
I100/25/25
CORE SETS
Effective core parameters in combination with
U100/57/25
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.379
mm−1
Ve
effective volume
158000 mm3
Ie
effective length
245
mm
Ae
effective area
645
mm2
m
mass of core
≈ 300
g
handbook, halfpage
CBW143
2
101.6
±2
25.4
±0.8
25.4
±0.8
Fig.1 I100/25/25 core.
Dimensions in mm.
Core data
AL measured in combination with “U100/57/25”.
Properties of core sets under power conditions
Core loss measured in combination with “U100/57/25”.
GRADE
AL (nH)
µe
TYPE NUMBER
3C90
6700
±25%
≈ 2150
I100/25/25-3C90
3C94
6700
±25%
≈ 2150
I100/25/25-3C94
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f= 25 kHz;
T = 100
°C
f= 25 kHz;
= 200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
3C90
≥ 330
≤ 21
≤ 25
3C94
≥ 330
−≤ 21
B
ˆ
B
ˆ




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl