Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR211NBD003 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FBR211NBD003
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211NBD003 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FBR211NBD003 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211NBD003 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211NBD003 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211NBD003 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211NBD003 Datasheet HTML 5Page - Fujitsu Component Limited. FBR211NBD003 Datasheet HTML 6Page - Fujitsu Component Limited. FBR211NBD003 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
FBR211 SERIES
To be
Discon
Tinue
D
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2009 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev. June 30, 2009.


Similar Part No. - FBR211NBD003

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211NBD003 FUJITSU-FBR211NBD003 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211NBD003

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com