Electronic Components Datasheet Search |
|
UPRND41KDC9 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd. |
|
UPRND41KDC9 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd. |
1 / 4 page 01 of 04 Version 2010 Preview The Precision Resistor Network technology provides a significant reduction of the resistive component’s sensitivity to ambient temperature variations (TCR). Designers can now guarantee a high degree of stability and accuracy in fixed-resistor applications using solutions based on Token’s revolutionary Network technology. This technology allows customer orientated products, designed to satisfy challenging and specific technical requirements. Precision Network Resistors UPRND Series meets Lead (Pb)-free and RoHS compliant. Known for providing design engineers with a comprehensive range of industrial-qualified resistive devices, Token Electronics has further expanded its precision product capabilities in Serial UPRNS and Parellel UPRND Series. Providing design engineers with an economical power resistor with high quality performance, Token Electronics offers low cost industrial grade resistor networks, Parellel UPRND and Serial UPRNS Networks. Token’s UPRND/UPRNS Series are assembled by EE/RE 1/10 series to form a stable, high precision resistor networks. Characteristic of UPRND Series meet extreme low temperature coefficient. Parellel UPRND Series equate IRC, EBG Precision Devices with fast delivery and more competitive price. For non-standard technical requirements and special applications, please contact us. UPRND Network Precision Resistors UPRND Networks High Precision Sharpen The Edge of Application Accuracy Network Precision Resistor Features : - Lead (Pb)-free and RoHS compliant. - Precision tolerance tight to A2(±0.02%). - Any value available within resistance range. - UPRND: Parellel dip type; UPRNS: Serial dip type. - Metal film precision networks, excellent stability and reliability. - Superior TCR narrowed to Absolute C7(±5 ppm/°C), Relative C10(±2 ppm/°C). Applications : - Industrial, Precision Bypass, Divider. - Electron Beam (EB) Applications Scanning. - Medical, Test and Measurement Equipment. - Recording Equipment, Electron Microscopes. - Military, airborne, High precision instrumentation. - Precision Amplifiers, Audio (High End Stereo Equipment). TOKEN http://www.token.com.tw/ rfq token.com.tw |
Similar Part No. - UPRND41KDC9 |
|
Similar Description - UPRND41KDC9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |