Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P14-3D3-E100 Datasheet(PDF) 6 Page - Ferroxcube International Holding B.V.

Part # P14-3D3-E100
Description  P cores and accessories
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P14-3D3-E100 Datasheet(HTML) 6 Page - Ferroxcube International Holding B.V.

Back Button P14-3D3-E100 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 9Page - Ferroxcube International Holding B.V. P14-3D3-E100 Datasheet HTML 10Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2008 Sep 01
953
Ferroxcube
P cores and accessories
P14/8
General data for CP-P14/8-A coil former
Winding data and area product for CP-P14/8-A coil former
PARAMETER
SPECIFICATION
Coil former material
acetal (POM), glass reinforced, flame retardant in accordance with
“UL 94-HB”; UL file number E66288(R)
Maximum operating temperature
155
°C, “IEC 60085”, class F
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH (mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
9.4
4.5
29.0
236
CP-P14/8-1S-A
2
2 x 4.32
2 x 2.0
29.0
2 x 108
CP-P14/8-2S-A
33
× 2.19
3
× 1.2
29.0
3 x 55.0
CP-P14/8-3S-A
6.1
min
5.5
max
1.9
min
7.1
11.55
max
MGB529
Fig.4 Coil former CP-P14/8-A.
Dimensions in mm.


Similar Part No. - P14-3D3-E100

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
P14-38R-C PANDUIT-P14-38R-C Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
P14-38R-C PANDUIT-P14-38R-C Datasheet
72Kb / 1P
   Ring Terminal, Non-Insulated
P14-38R-C PANDUIT-P14-38R-C Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P14-38R-M PANDUIT-P14-38R-M Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED RING TONGUE
logo
Ferroxcube Internationa...
P14-3C81 FERROXCUBE-P14-3C81 Datasheet
54Kb / 5P
   P cores and accessories
More results

Similar Description - P14-3D3-E100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com