Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR211NCD009 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FBR211NCD009
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211NCD009 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FBR211NCD009 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 5Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 6Page - Fujitsu Component Limited. FBR211NCD009 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FBR211 SERIES
To be
Discon
Tinue
D
n
CHARACTERISTIC DATA
70
80
90
100
110
120
130
140
150
160
0 10 20 30 40 50 60 70
–10
Operating voltage range
Must operate
voltage
Range of operation temperature and voltage
(Standard 0.45 W type)
Operating temperature (°C)
80
70
80
90
100
110
120
130
140
150
160
0 10 20 30 40 50 60 70
–10
Operating voltage range
Must operate
voltage
Operating temperature (°C)
80
(Data) assumes that
the maximum allow-
able temperature
of E type insula-
tion coil is
115°C
0
0.2
0.4
0.6
0.8
1
2
3
4
5
Not including bounce time
Coil power (W)
Operate and release time data
(Data) assumes that
the maximum allow-
able temperature
of E type insula-
tion coil is 115°C
Range of operation temperature and voltage
(high sensitive 0.2 W type)
Release time
Operate
time
0.1
10
20
30
50
120
0.3
0.5
1.0
Maximum switching capacity
Contact load current (A)
12 V DC
resistive load
28 V DC
resistive load
Life curve
1
0.5
0
1.0
1.5
2.0
5
10
50
100
200
(x10 )4
Contact load current (A)
120 V AC
resistive load
20
30
40
50
60
70
0.4
0.6
0.8
0.2
(at 20°C)
Standard
(0.45 W type)
High sensitive
(0.2 W type)
Coil power (W)
Coil temperature rise data
AC resistive load
(○ AC contact rating)
DC resistive load
( DC contact rating)
n
REFERENCE DATA
FBR211
n = 100
Operate
Release
Distribution of operate and release voltage
Nominal voltage multiplying factor (%)
60
50
40
20
30
10
0
10 20
30 40 50
60 70 80
0
FBR211
n = 100
Operate
Release
Distribution of operate and release time
Time (ms)
100
80
60
20
40
0
1
2
3
4
5
6
7
8
0
Contact resistance (m
)
Distribution of contact resistance
FBR211
n = 100
80
60
40
20
0
10 20
30 40 50
60 70 80
0


Similar Part No. - FBR211NCD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211NCD003 FUJITSU-FBR211NCD003 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211NCD009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com