Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR211NCD024 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR211NCD024
Description  MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR211NCD024 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR211NCD024 Datasheet HTML 1Page - Fujitsu Component Limited. FBR211NCD024 Datasheet HTML 2Page - Fujitsu Component Limited. FBR211NCD024 Datasheet HTML 3Page - Fujitsu Component Limited. FBR211NCD024 Datasheet HTML 4Page - Fujitsu Component Limited. FBR211NCD024 Datasheet HTML 5Page - Fujitsu Component Limited. FBR211NCD024 Datasheet HTML 6Page - Fujitsu Component Limited. FBR211NCD024 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FBR211 SERIES
To be
Discon
Tinue
D
n
DIMENSIONS
10.1
15.1
0.35
Schematics (BOTTOM VIEW)
0.6
(1.2)
10.16
2.54
5
8
Dimensions
6
7
1
12
(A type or C type)
5
8
6
7
1
12
7.62
(1.24)
0.3
+0.5
+0.5
(B type or E type)
11.7
16.5
Dimensions
0.6
(1.9)
10.16
2.54
5
8
6
7
1
12
(A type or C type)
5
8
6
7
1
12
7.62
(2.04)
0.3
Schematics (BOTTOM VIEW)
+0.5
+0.5
(B type or E type)
6–ø1.0
10.16
PC board mounting hole layout (BOTTOM VIEW)
2.54
1. STANDARD (Flux free type)
2. N-TYPE (Plastic sealed type)
3. PC BOARD MOUNTING HOLE LAYOUT
Unit: mm


Similar Part No. - FBR211NCD024

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR211NCD003 FUJITSU-FBR211NCD003 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211NCD012 FUJITSU-FBR211NCD012 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results

Similar Description - FBR211NCD024

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-12W-K FUJITSU-SY-12W-K Datasheet
337Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com