Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P26-3C81-E250 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P26-3C81-E250
Description  P cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P26-3C81-E250 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P26-3C81-E250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P26-3C81-E250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P26-3C81-E250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P26-3C81-E250 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
1004
Ferroxcube
P cores and accessories
P26/16/I
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.360
mm−1
Ve
effective volume
4370
mm3
Ie
effective length
39.6
mm
Ae
effective area
110
mm2
Amin
minimum area
87.0
mm2
m
mass of set
≈ 21
g
handbook, halfpage
11
+0.4/−0
MGB581
16.2
± 0.2
21.6
± 0.4
25.5
± 0.5
11.3
± 0.2
3.8
± 0.6
0.6
± 0.13
18
± 0.4
Fig.1 P26/16/I core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 50
±20 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
250
±3%
≈ 72
≈ 660
P26/16/I-3C81-E250
315
±3%
≈ 90
≈ 500
P26/16/I-3C81-A315
400
±3%
≈ 115
≈ 380
P26/16/I-3C81-A400
630
±3%
≈ 180
≈ 230
P26/16/I-3C81-A630
1000
±3%
≈ 286
≈ 130
P26/16/I-3C81-A1000
7000
±25%
≈ 2010
≈ 0
P26/16/I-3C81
3C91
7000
±25%
≈ 2010
≈ 0
P26/16/I-3C91
3F3
250
±3%
≈ 72
≈ 660
P26/16/I-3F3-E250
315
±3%
≈ 90
≈ 500
P26/16/I-3F3-A315
400
±3%
≈ 115
≈ 380
P26/16/I-3F3-A400
630
±3%
≈ 180
≈ 230
P26/16/I-3F3-A630
1000
±3%
≈ 286
≈ 130
P26/16/I-3F3-A1000
5250
±25%
≈ 1505
≈ 0
P26/16/I-3F3


Similar Part No. - P26-3C81-E250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P26-3D3 FERROXCUBE-P26-3D3 Datasheet
84Kb / 8P
   P cores and accessories
P26-3D3-E100 FERROXCUBE-P26-3D3-E100 Datasheet
84Kb / 8P
   P cores and accessories
P26-3D3-E160 FERROXCUBE-P26-3D3-E160 Datasheet
84Kb / 8P
   P cores and accessories
P26-3D3-E250 FERROXCUBE-P26-3D3-E250 Datasheet
84Kb / 8P
   P cores and accessories
P26-3H3 FERROXCUBE-P26-3H3 Datasheet
84Kb / 8P
   P cores and accessories
More results

Similar Description - P26-3C81-E250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com