Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P30-3C81-E250 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # P30-3C81-E250
Description  P cores and accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P30-3C81-E250 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  P30-3C81-E250 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 7Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 8Page - Ferroxcube International Holding B.V. P30-3C81-E250 Datasheet HTML 9Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2008 Sep 01
1010
Ferroxcube
P cores and accessories
P30/19
COIL FORMERS
General data CP-P30/19 coil former
Winding data and area product for P30/19 coil former
PARAMETER
SPECIFICATION
Coil former material
polybutyleneterephtalate (PBT), glass reinforced, flame retardant in
accordance with “UL 94V-0” ; UL file number E45329 (R)
Maximum operating temperature
155
°C, “IEC 60085”, class F
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
53.2
11.1
62
7290
CP-P30/19-1S
22
× 24.9
2
× 5.15
62
2 x 3410
CP-P30/19-2S
33
× 15.5
3
× 3.2
62
3 x 2120
CP-P30/19-3S
handbook, full pagewidth
MGC135
15
0
0.2
3.2
13.7
0.2
0
24.7
0
0.2
0.7
0.7
0.6
0.6
12.8
0
0.2
Fig.2 Coil former: CP-P30/19.
Dimensions in mm.


Similar Part No. - P30-3C81-E250

ManufacturerPart #DatasheetDescription
logo
Semikron International
P30 SEMIKRON-P30 Datasheet
127Kb / 3P
   For stud devices
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P30 MACOM-P30 Datasheet
97Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P30 AMPHENOL-P30 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
promoco-motors.com
P30 PROMOCO-P30 Datasheet
138Kb / 1P
   High Performance DC-motor
More results

Similar Description - P30-3C81-E250

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com