Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P42-3C81 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # P42-3C81
Description  P cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P42-3C81 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  P42-3C81 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P42-3C81 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P42-3C81 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P42-3C81 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P42-3C81 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P42-3C81 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P42-3C81 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008 Sep 01
1024
Ferroxcube
P cores and accessories
P42/29
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.259
mm−1
Ve
effective volume
18200
mm3
Ie
effective length
68.6
mm
Ae
effective area
265
mm2
Amin
minimum area
214
mm2
m
mass of set
≈104
g
CBW431
5.1
±0.6
17.7
0
−0.6
35.6 +
1.4
0
42.4
±0.7
32
±0.7
∅5.4 +
0.2
0
20.3 +
0.4
0
29.4
±0.1
1 +
0.2
0
Fig.1 P42/29 core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements, 550
±100 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
3C81
315
±3%
≈ 65
≈ 1320
P42/29-3C81-E315
400
±3%
≈ 82
≈ 990
P42/29-3C81-E400
630
±3%
≈ 130
≈ 580
P42/29-3C81-A630
1000
±3%
≈ 206
≈ 340
P42/29-3C81-A1000
1600
±5%
≈ 330
≈ 190
P42/29-3C81-A1600
11500
±25%
≈ 2370
≈ 0
P42/29-3C81
3C91
11500
±25%
≈ 2370
≈ 0
P42/29-3C91
3F3
315
±3%
≈ 65
≈ 1320
P42/29-3F3-E315
400
±3%
≈ 82
≈ 990
P42/29-3F3-E400
630
±3%
≈ 130
≈ 580
P42/29-3F3-A630
1000
±3%
≈ 206
≈ 340
P42/29-3F3-A1000
1600
±5%
≈ 330
≈ 190
P42/29-3F3-A1600
7700
±25%
≈ 1590
≈ 0
P42/29-3F3


Similar Part No. - P42-3C81

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P420-001 TRIPPLITE-P420-001 Datasheet
153Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F/F)
logo
E-SWITCH
P420000 E-SWITCH-P420000 Datasheet
107Kb / 1P
   All Dimension In MM
logo
celduc-relais
P4200000 CELDUC-P4200000 Datasheet
186Kb / 1P
   MOULDED CONTROL MAGNET
logo
Tripp Lite. All Rights ...
P420001 TRIPPLITE-P420001 Datasheet
472Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F-F)
logo
UN Semiconducctor INC
P4200DM UNSEMI-P4200DM Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P42-3C81

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com