Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P42-3F3-A630 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # P42-3F3-A630
Description  P cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

P42-3F3-A630 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  P42-3F3-A630 Datasheet HTML 1Page - Ferroxcube International Holding B.V. P42-3F3-A630 Datasheet HTML 2Page - Ferroxcube International Holding B.V. P42-3F3-A630 Datasheet HTML 3Page - Ferroxcube International Holding B.V. P42-3F3-A630 Datasheet HTML 4Page - Ferroxcube International Holding B.V. P42-3F3-A630 Datasheet HTML 5Page - Ferroxcube International Holding B.V. P42-3F3-A630 Datasheet HTML 6Page - Ferroxcube International Holding B.V. P42-3F3-A630 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2008 Sep 01
1027
Ferroxcube
P cores and accessories
P42/29
MOUNTING PARTS
General data and ordering information
ITEM
REMARKS
FIGURE
TYPE NUMBER
Tag plate
material: phenolformaldehyde (PF), glass reinforced
3
TGP-P42/29-C
flame retardant: in accordance with “UL 94V-0”;
UL file number E41429
maximum operating temperature: 180
°C, “IEC 60085”, class H
pins: copper-tin alloy (CuSn), tin (Sn) plated
resistance to soldering heat in accordance with
“IEC 60068-2-20” , Part 2, Test Tb, method 1B: 350
°C, 3.5 s
solderability in accordance with “IEC 60068-2-20”, Part 2,
Test Ta, method 1: 235
°C, 2 s
Container
copper-zinc alloy (CuZn), tin (Sn) plated
4
CON-P42/29
earth pins: presoldered
Spring
CrNi-steel
5
SPR-P42/29
spring force:
≈350 N when mounted
handbook, full pagewidth
2.1
6
2.2
31
15.24
10.16
5.08
20.32 15.24
mark
44.8 max.
5.5
∅8.4
2.54
CBW606
∅0.8
1.3 +
0.15
0
Fig.3 Tag plate: TGP-P42/29-C.
Dimensions in mm.


Similar Part No. - P42-3F3-A630

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P420-001 TRIPPLITE-P420-001 Datasheet
153Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F/F)
logo
E-SWITCH
P420000 E-SWITCH-P420000 Datasheet
107Kb / 1P
   All Dimension In MM
logo
celduc-relais
P4200000 CELDUC-P4200000 Datasheet
186Kb / 1P
   MOULDED CONTROL MAGNET
logo
Tripp Lite. All Rights ...
P420001 TRIPPLITE-P420001 Datasheet
472Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F-F)
logo
UN Semiconducctor INC
P4200DM UNSEMI-P4200DM Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P42-3F3-A630

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P26 FERROXCUBE-P26_1 Datasheet
34Kb / 3P
   P cores and accessories
CP-P30-1S FERROXCUBE-CP-P30-1S Datasheet
34Kb / 1P
   P cores and accessories
CP-P42-1S-A FERROXCUBE-CP-P42-1S-A Datasheet
79Kb / 1P
   P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
   P cores and accessories
CP-P26-1S FERROXCUBE-CP-P26-1S Datasheet
33Kb / 1P
   P cores and accessories
CP-P26-1S-A FERROXCUBE-CP-P26-1S-A Datasheet
80Kb / 1P
   P cores and accessories
P11 FERROXCUBE-P11 Datasheet
98Kb / 10P
   P cores and accessories
P14 FERROXCUBE-P14_1 Datasheet
39Kb / 3P
   P cores and accessories
P18 FERROXCUBE-P18 Datasheet
104Kb / 10P
   P cores and accessories
P26I FERROXCUBE-P26I Datasheet
52Kb / 4P
   P cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com