Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B2 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-B2
Description  4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B2 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-B2 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B2 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B2 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B2 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B2 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B2 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B2 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B2 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-B2 Series
DISCONTINUED
n
COIL DATA CHART
n
SAFETY STANDARD AND FILE NUMBERS
UL508,1950(FileNo.E63615)
C22.2No.14,No.950(FileNo.LR40304)
Please request when the approval markings are required on the cover.
Nominal voltage
Contact rating
0.2A
125VAC
4.5to12VDC
1A30VDC
resistive
0.3A110VDC
e
c
n
a
r
a
e
l
C
e
g
a
p
e
e
r
C
s
k
r
a
m
e
R
m
m
0
.
1
s
t
c
a
t
n
o
c
-
a
li
o
c
m
m
6
.
1
s
t
c
a
t
n
o
c
-
li
o
c
V
0
5
1
:
e
g
a
tl
o
v
g
n
i
k
r
o
w
-
e
d
i
s
t
u
o
d
n
a
e
d
i
s
n
i
y
a
l
e
r
-
"
2
"
e
e
r
g
e
d
n
o
it
u
ll
o
p
-
4
C
L
E
D
O
M
l
a
n
i
m
o
N
e
g
a
tl
o
V
e
c
n
a
t
s
i
s
e
R
li
o
C
)
%
0
1
±
(
e
t
a
r
e
p
O
t
s
u
M
e
s
a
e
l
e
R
t
s
u
M
s
e
ir
e
S
2
F
-
R
T
F
s
e
ir
e
S
2
H
-
R
T
F
T
5
0
0
K
A
2
F
-
R
T
F
T
5
0
0
K
A
2
H
-
R
T
F
C
D
5V
7
D
V
5
.
3
C
D
V
5
2
.
0
T
6
0
0
K
A
2
F
-
R
T
F
T
6
0
0
K
A
2
H
-
R
T
F
C
D
V
6
8
6
C
D
V
2
.
4
C
D
V
3
.
0
T
9
0
0
K
A
2
F
-
R
T
F
T
9
0
0
K
A
2
H
-
R
T
F
C
D
V
9
5
5
1
C
D
V
3
.
6
C
D
V
5
4
.
0
T
2
1
0
K
A
2
F
-
R
T
F
T
2
1
0
K
A
2
H
-
R
T
F
C
D
V
2
1
0
7
2
C
D
V
4
.
8
C
D
V
6
.
0
T
4
2
0
K
A
2
F
-
R
T
F
T
4
2
0
K
A
2
H
-
R
T
F
C
D
V
4
2
0
0
2
,
1
C
D
V
8
.
6
1
C
D
V
2
.
1
T
8
4
0
K
A
2
F
-
R
T
F
T
8
4
0
K
A
2
H
-
R
T
F
C
D
V
8
4
0
0
4
,
4
C
D
V
6
.
3
3
C
D
V
4
.
2
e
g
a
tl
o
V
e
g
a
tl
o
V


Similar Part No. - FTR-B2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2MA012Z FUJITSU-FTR-B2MA012Z Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2MA4.5Z FUJITSU-FTR-B2MA4.5Z Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2NA012Z FUJITSU-FTR-B2NA012Z Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2NA4.5Z FUJITSU-FTR-B2NA4.5Z Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
More results

Similar Description - FTR-B2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
   Dual-Pole, 2-Form-A OptoMOS Relay
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
   40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
   2 Form A slim power relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com