Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3CA012Z Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FTR-B3CA012Z
Description  ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3CA012Z Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button FTR-B3CA012Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 9Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 10Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 11Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 12Page - Fujitsu Component Limited. FTR-B3CA012Z Datasheet HTML 13Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Ftr-B3 series
8
7
6
5
1
2
3
4
(-)
(+)
Marking
(Coil side indication)
5.08±0.2
0.4 +0.2
3.2 ±0.2 2.2 ±0.2 2.2 ±0.2
(1.5)
3.2
2.2
2.2
8-O 0.85
10.6 ±0.2
7.2 ±0.2
n
DIMeNsIONs
l
Dimensions
Unit: mm
l
Mounting Pad
(TOP VIEW)
l
Wiring Diagram
(TOP VIEW)
FTR-B3C( )( )( ) - Through hole type
1
2
3
4
8
7
6
5
(+)
(-)
Marking
(Coil side indication)
5.08±0.2
8.2 +0.5
-0.3
0.4 +0.2
3.2 ±0.2 2.2 ±0.2 2.2 ±0.2
(1.5)
3.2
2.2
2.2
0.8
0.8
0.8
0.8
10.6 ±0.2
7.2 ±0.2
l
Dimensions
Unit: mm
l
Mounting Pad
(TOP VIEW)
l
Wiring Diagram
(TOP VIEW)
FTR-B3G( )( )( ) - Surface mount type (standard)


Similar Part No. - FTR-B3CA012Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3CA012Z-B10 FUJITSU-FTR-B3CA012Z-B10 Datasheet
1Mb / 11P
   MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
More results

Similar Description - FTR-B3CA012Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com