Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-C1GA012G Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTR-C1GA012G
Description  POWER RELAY 2 POLES-2A High Insulation/wide Gap
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-C1GA012G Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FTR-C1GA012G Datasheet HTML 1Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 2Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 3Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 4Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 5Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 6Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 7Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 8Page - Fujitsu Component Limited. FTR-C1GA012G Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FTR-K1 SERIES
n
RECOMMENDED SOLDERING CONDITIONS SMT
(TEMPERATURE PROFILE, please see page 9)
Note: 1.TemperatureprofilesshowthetemperatureofPCboardsurface.
2.PleaseperformsolderingtestwithyouractualPCboardbeforemassproduction,sincethe
temperaturesofPCboardsurfacesvaryaccordingtothesizeofPCboard,statusofpartsmounting
andheatingmethod.
n
PACKAGING
ReelDimensions:
Unit:mm
Packagingmethod(onlytapepackagingisavailable)
1.Tapingstandards:
JISC0806and
RC-10092B(EIAJ)
2.Reeltype:
TB2416orTB2416
3.Reeltype:
RD24D
4.Quantityof1reel:
500pieces
TapeDimensions:
FTR-C1 SERIES


Similar Part No. - FTR-C1GA012G

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FTR-C1GA012G FUJI-FTR-C1GA012G Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
More results

Similar Description - FTR-C1GA012G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
   SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
logo
KODENSHI_AUK CORP.
SG268 KODENSHI-SG268 Datasheet
275Kb / 2P
   Wide GAP/
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Panasonic Semiconductor
DE1A1B-L-3V PANASONIC-DE1A1B-L-3V Datasheet
1Mb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
logo
Fujitsu Component Limit...
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com