Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B3GA4.5Z-RF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-B3GA4.5Z-RF
Description  ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3GA4.5Z-RF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-B3GA4.5Z-RF Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3GA4.5Z-RF Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3GA4.5Z-RF Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3GA4.5Z-RF Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3GA4.5Z-RF Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3GA4.5Z-RF Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3GA4.5Z-RF Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Ftr-B3-rF series
n
COIL Data CHart
Coil
Voltage
Nominal
Voltage (VDC)
Coil Resistance
( ±0%)
Must Operate
Voltage
Must Release
Voltage
Nominal Power
(mW)
1.5
1.5
16.1 Ω
1.13 VDC
0.15 VDC
140
003
3
64.3 Ω
2.25 VDC
0.3 VDC
4.5
4.5
145 Ω
3.38 VDC
0.45 VDC
006
6
257 Ω
4.5 VDC
0.6 VDC
009
9
579 Ω
6.75 VDC
0.9 VDC
02
2
1,028 Ω
9.0 VDC
1.2 VDC
024
24
2,504 Ω
18.0 VDC
2.4 VDC
230
Standard type
Latching type ( coil)
* Pulse driven
Note: All values in the table valid at 20˚C.
Coil
Voltage
Nominal
Voltage (VDC)
Coil Resistance
( ±0%)
Set Voltage
Reset
Voltage
Nominal Power
(mW)
1.5
1.5
22.5 Ω
1.13 VDC
-1.13 VDC
00
003
3
90 Ω
2.25 VDC
-2.25 VDC
4.5
4.5
203 Ω
3.38 VDC
-3.38 VDC
006
6
360 Ω
4.5 VDC
-4.5 VDC
009
9
810 Ω
6.75 VDC
-6.75 VDC
02
2
1,440 Ω
9.0 VDC
-9.0 VDC
024
24
4,800 Ω
18.0 VDC
-18.0 VDC
20


Similar Part No. - FTR-B3GA4.5Z-RF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3GA4.5Z-B10 FUJITSU-FTR-B3GA4.5Z-B10 Datasheet
1Mb / 11P
   MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
More results

Similar Description - FTR-B3GA4.5Z-RF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
DB Lectro Inc
3E-5 DBLECTRO-3E-5 Datasheet
720Kb / 2P
   Miniature Surface Mount Form C
logo
Hongfa Technology
HFD43 HONGFA-HFD43 Datasheet
207Kb / 5P
   1GHz SUBMINIATURE HIGH-FREQUENCY RELAY
logo
STATEK CORPORATION
CXOX STATEK-CXOX Datasheet
85Kb / 2P
   Ultra-Miniature Surface Mount High Frequency Crystal Oscillator
logo
Omron Electronics LLC
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com