Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT23 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # PT23
Description  PT, PTS, PTS/I cores and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PT23 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  PT23 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PT23 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PT23 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PT23 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PT23 Datasheet HTML 5Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2008 Sep 01
1058
Ferroxcube
PT, PTS, PTS/I cores and accessories
PT23/11
(2311TS)
COIL FORMERS
General data 10-pins PT23/11 coil former
Winding data and area product for 10-pins PT23/11 coil former
PARAMETER
SPECIFICATION
Coil former material
polyamide (PA), glass-reinforced, flame retardant in accordance with
“UL 94V-0” ; UL file number E41938(M)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
130
°C, “IEC 60085” class B
Resistance to soldering heat
“IEC 68-2-20” , Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 68-2-20”, Part 2, Test Ta, method 1
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
15.1
5.2
45.2
921
CPV-PT23/11-1S-10P
handbook, full pagewidth
19.56 max
5.2
min
20.32
1.1
3.8
5.16
8 max
17.78
max
11.28
9.4 max
23.24
max
10.03
min
MGB615
Fig.2 PT23/11 coil former; 10-pins.
Dimensions in mm.


Similar Part No. - PT23

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
   Audio power amplifier
logo
Princeton Technology Co...
PT2300-S PTC-PT2300-S Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300-SL PTC-PT2300-SL Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300L PTC-PT2300L Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
More results

Similar Description - PT23

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PTS30 FERROXCUBE-PTS30 Datasheet
45Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT14 FERROXCUBE-PT14 Datasheet
64Kb / 6P
   PT, PTS, PTS/I cores and accessories
PTS40 FERROXCUBE-PTS40 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PTS18 FERROXCUBE-PTS18 Datasheet
51Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS34 FERROXCUBE-PTS34 Datasheet
44Kb / 3P
   PT, PTS, PTS/I cores and accessories
PT18 FERROXCUBE-PT18 Datasheet
53Kb / 4P
   PT, PTS, PTS/I cores and accessories
PTS14 FERROXCUBE-PTS14 Datasheet
54Kb / 5P
   PT, PTS, PTS/I cores and accessories
PTS23 FERROXCUBE-PTS23 Datasheet
50Kb / 4P
   PT, PTS, PTS/I cores and accessories
I100 FERROXCUBE-I100 Datasheet
42Kb / 3P
   U, I cores and accessories
U25-16-6 FERROXCUBE-U25-16-6 Datasheet
44Kb / 3P
   U, I cores and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com