Electronic Components Datasheet Search |
|
FTR-F1AD003T Datasheet(PDF) 5 Page - Fujitsu Component Limited. |
|
FTR-F1AD003T Datasheet(HTML) 5 Page - Fujitsu Component Limited. |
5 / 9 page 5 FTR-F1 SERIES n INSULATION Item FTR-F1 Note Resistance (initial) Minimum 1,000 MΩ at 500 VDC Dielectric Strength open contacts 1,000 VAC (50/60 Hz) 1 min. coil and contacts 5,000 VAC (50/60 Hz) 1 min. adjacent contacts 3,000 VAC (50/60 Hz) 1 min. Surge Voltage (coil and contact) 10,000 V 1.2 x 50µs standard wave Clearance/Creepage 8 mm / 8 mm Insulation (DIN EN61810-1 VDE0435) Voltage Pollution Isolation material group 250 V 3 IIIa Isolation category / Reference voltage (VDE0110b) C / 250 V Type Compliance Contact rating UL UL 508 E63614 Flammability: UL 94-V0 (plastics) 5A, 24VDC (resistive) 5A, 250 VAC (resistive) 1/6 HP, 125VAC 1/4 HP, 250VAC Pilot duty: C300 Pilot duty: R300 (F1AA( )T, F1AA( )V) TV-3 (F1AA( )T) CSA C22.2 No. 14 LR 40304 VDE 0435, 0631, 0700, 0860 5A, 250 VAC (cosØ=1) 2A, 250 VAC (cosØ=0.4) 5 A 24VDC (0ms), 85˚C SEMKO EN 61058-1:1992 and A1 EN 61095:1993 and A1+A11 250VAC, 5 (1)A IEC60335-1 GWFI IEC 60695-2-12 >850˚C (except for -RG) GWFI IEC 60695-2-13 >775˚C(except for -RG) n SAFETY STANDARDS Complies with BSI, IMC, CQC, NEMKO, DEMKO, FIMKO |
Similar Part No. - FTR-F1AD003T |
|
Similar Description - FTR-F1AD003T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |