Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B4CB003Z Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-B4CB003Z
Description  ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4CB003Z Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-B4CB003Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4CB003Z Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
n
ORDERING INFORMATION
FTR-B4C A 4.5 Z -B05
[Example]
(a) (b)(c) (d) (e)(f)(g)
FTR-B4 Series
ULTRA MINIATURE
2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
n
FEATURES
l
DPDT2C
l
Ultraminiatureslimtyperelayforsurfacemounting
Height:
9.3mmmaximum(THT)
10mmmaximum(SMT)
Weight:
Approximately1.0g
l
ConformstoBellcore&FCCpart68,andTelcordia&
FCCpart68
l
ConformstoUL1950/CSA950,IEC950/EN60950
spacingandhighbreakdownvoltage
Clearance: 1.0mm
Creepage: 1.6mm
Basicinsulation,150Vworkingvoltage,pollutiondegree2
l
Highreliablebirfuractedgoldoverlaysilvercontact
l
Lowpowerconsumption140mW(standard),100mW(latching)
l
RoHScompliantsincedatecode:0430B8
Pleaseseepage8formoreinformation
(
)
a
(
e
m
a
N
s
e
ir
e
S
s
e
ir
e
S
4
B
-
R
T
F
)
b
(
e
p
y
t
l
a
n
i
m
r
e
T
e
l
o
h
h
g
u
o
r
h
T
:
C
t
n
u
o
m
e
c
a
fr
u
s
:
G
space saving
-
e
p
y
t
t
n
u
o
m
e
c
a
fr
u
s
:
S
)
c
(
n
o
it
c
n
u
f
n
o
it
a
r
e
p
O
e
p
y
t
d
r
a
d
n
a
t
s
:
A
e (1 coil)
p
y
t
g
n
i
h
c
t
a
l
:
B
)
d
Coil voltage
g
a
tl
o
v
l
a
n
i
m
o
N
)
e
(
l
a
ir
e
t
a
m
t
c
a
t
n
o
C
gold overlay silver nickel (standard)
:
Z
)f
(
*
n
o
it
c
e
ri
d
g
n
i
s
o
l
c
n
e
y
a
l
e
R
n
o
it
c
e
ri
d
g
n
i
s
o
l
c
n
e
d
r
a
d
n
a
t
s
:
B
)
g
(
*l
e
e
r
r
e
p
s
y
a
l
e
r
f
o
r
e
b
m
u
N
)
d
r
a
d
n
a
t
s
(
0
0
5
:
5
0
P: gold overlay silver palladium
Remarks:ActualmarkingonrelaywouldnotcarrycodeFTRandbeasbelow:
Orderingcode
Actualmarking
FTR-B4CA4.5Z→
B4CA4.5Z
Notes:*
-Onlysurfacemounttypes(GandS)areapplicable
-AllrelaysarepackagedintubesunlesP/Nendswith-B05
RoHS compliant


Similar Part No. - FTR-B4CB003Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4CB003Z-B05 FUJITSU-FTR-B4CB003Z-B05 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
More results

Similar Description - FTR-B4CB003Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-B4 FUJITSU-FTR-B4 Datasheet
1,008Kb / 9P
   ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
UR1L-D12W-K FUJITSU-UR1L-D12W-K Datasheet
136Kb / 7P
   MINIATURE RELAY 2 POLES (HIGH FREQUENCY SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Fujitsu Component Limit...
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com