Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6762-H-ABCN-D-EGOP Datasheet(PDF) 3 Page - Schurter Inc.

Part # 6762-H-ABCN-D-EGOP
Description  IEC Appliance Inlet C14 or C18 with Line Switch 2 pole and Fuseholder 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6762-H-ABCN-D-EGOP Datasheet(HTML) 3 Page - Schurter Inc.

  6762-H-ABCN-D-EGOP Datasheet HTML 1Page - Schurter Inc. 6762-H-ABCN-D-EGOP Datasheet HTML 2Page - Schurter Inc. 6762-H-ABCN-D-EGOP Datasheet HTML 3Page - Schurter Inc. 6762-H-ABCN-D-EGOP Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power entry modules without line filter
6762
www.schurter.com/pg05
Connectors
Variants
Config. Code
Description
Order Number
6762-B-8808-A-10024
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
without terminal, fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: flange with countersunk holes, di-
mension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminal, black rocker
4304.6049
6762-B-8808-A-30022
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
without terminal, fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type, dimension X:
00, features: holder for 1 fuse (text legible, when inlet on top), unipolar switch, 4,8mm blade terminal, black rocker
4304.6050
6762-B-8808-A-30024
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
without terminal, fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type, dimension X:
00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminal, black rocker
4304.6051
6762-X-1111-A-10021
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: solder terminal, N: solder terminal, ground: solder terminal, fusehol-
der: solder terminal, color: jet black; RAL9005, design: flange with countersunk holes, dimension X: 00, features: holder for 1 fuse
(text legible, when inlet on top), dead cover
4304.6052
6762-X-1111-A-10024
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: solder terminal, N: solder terminal, ground: solder terminal, fusehol-
der: solder terminal, color: jet black; RAL9005, design: flange with countersunk holes, dimension X: 00, features: holder for 1 fuse
(text legible, when inlet on top), bipolar switch, 4,8mm blade terminal, black rocker
4304.6053
6762-X-1111-A-10025
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: solder terminal, N: solder terminal, ground: solder terminal, fusehol-
der: solder terminal, color: jet black; RAL9005, design: flange with countersunk holes, dimension X: 00, features: holder for 1 fuse
(text legible, when inlet on top), bipolar switch, solder terminals, black rocker
4304.6054
6762-X-1111-A-10034
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: solder terminal, N: solder terminal, ground: solder terminal, fusehol-
der: solder terminal, color: jet black; RAL9005, design: flange with countersunk holes, dimension X: 00, features: holder for 1 fuse
(text legible, when inlet on bottom), bipolar switch, 4,8mm blade terminal, black rocker
4304.6055
6762-X-3331-A-30025
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: long solder terminal (L=8,5mm), N: long solder terminal (L=8,5mm),
ground: long solder terminal (L=8,5mm), fuseholder: solder terminal, color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, solder terminals, black rocker
4304.6056
6762-X-8888-A-10021
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: flange with countersunk
holes, dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), dead cover
4304.6057
6762-X-8888-A-10024
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: flange with countersunk
holes, dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminal, black
rocker
4304.6058
6762-X-8888-A-10026
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: flange with countersunk
holes, dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminal, rocker
red illuminated
4304.6059
6762-X-8888-A-10028
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: flange with countersunk
holes, dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminals, rocker
green illuminated
4304.6060
6762-X-8888-A-10034
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: flange with countersunk
holes, dimension X: 00, features: holder for 1 fuse (text legible, when inlet on bottom), bipolar switch, 4,8mm blade terminal, black
rocker
4304.6061
6762-X-8888-A-30021
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), dead cover
4304.6062
6762-X-8888-A-30022
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), unipolar switch, 4,8mm blade terminal, black rocker
4304.6063
6762-X-8888-A-30024
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminal, black rocker
4304.6064
6762-X-8888-A-30025
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, solder terminals, black rocker
4304.6065
6762-X-8888-A-30026
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminal, rocker red
illuminated
4304.6066
6762-X-8888-A-30028
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on top), bipolar switch, 4,8mm blade terminals, rocker green
illuminated
4304.6067
6762-X-8888-A-30036
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (4,8x0,8mm), N: blade terminal (4,8x0,8mm), ground:
blade terminal (4,8x0,8mm), fuseholder: blade terminal (4,8x0,8mm), color: jet black; RAL9005, design: snap-in standard type,
dimension X: 00, features: holder for 1 fuse (text legible, when inlet on bottom), bipolar switch, 4,8mm blade terminal, rocker red
illuminated
4304.6068
6762-X-9991-A-30022
6762, IEC Power Entry Module C14, 70°C, version: 1 or 2, L: blade terminal (6,3x0,8mm), N: blade terminal (6,3x0,8mm), ground:
blade terminal (6,3x0,8mm), fuseholder: solder terminal, color: jet black; RAL9005, design: snap-in standard type, dimension X:
00, features: holder for 1 fuse (text legible, when inlet on top), unipolar switch, 4,8mm blade terminal, black rocker
4304.6069
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact


Similar Part No. - 6762-H-ABCN-D-EGOP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6762-H-ABCN-D-EGOP SCHURTER-6762-H-ABCN-D-EGOP Datasheet
511Kb / 8P
   IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole and Fuseholder 1-pole
More results

Similar Description - 6762-H-ABCN-D-EGOP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
6765 SCHURTER-6765_V01 Datasheet
434Kb / 6P
   IEC Appliance Inlet C14 or C18 with Line Switch 2 pole and Fuseholder 1- or 2-pole
6765 SCHURTER-6765_17 Datasheet
416Kb / 6P
   IEC Appliance Inlet C14 or C18 with Line Switch 2 pole and Fuseholder 1- or 2-pole
6765 SCHURTER-6765_18 Datasheet
425Kb / 6P
   IEC Appliance Inlet C14 or C18 with Line Switch 2 pole and Fuseholder 1- or 2-pole
6762 SCHURTER-6762_17 Datasheet
511Kb / 8P
   IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole and Fuseholder 1-pole
6762 SCHURTER-6762_18 Datasheet
493Kb / 7P
   IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole and Fuseholder 1-pole
6762 SCHURTER-6762_V01 Datasheet
498Kb / 7P
   IEC Appliance Inlet C14 or C18 with Line Switch 1- or 2-pole and Fuseholder 1-pole
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
4707 SCHURTER-4707_21 Datasheet
398Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
4707 SCHURTER-4707_18 Datasheet
356Kb / 4P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com