Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F2AA012T Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-F2AA012T
Description  POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F2AA012T Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-F2AA012T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F2AA012T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F2AA012T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F2AA012T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F2AA012T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F2AA012T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F2AA012T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F2AA012T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

RoHS compliant
n
ORDERING INFORMATION
FTR-F2A K 02 T
[Example]
(a) (b)(c) (d) (e)
n
FEATuRES
l
HIGHDENSITYMOUNTING
Savesspaceby26%comparedtoFTR-Htype.
l
HIGHISOLATION
Isolationdistancebetweencoilandcontacts:6mm
DielectricStrength:4KV
SurgeStrength:0KV
l
Sealedtypeisavailable
l
HEATRESISTANCE,FLAMMABILITY
Class B (130° C) insulation, flammability 94V-0
l
CADMIUMFREECONTACTFORECO-PROGRAM
l
SAFETYSTANDARDS
UL,CSA,VDE,SEMKOapproved
UL/CSATV-5ratingapproved
l
RoHScompliantsincedatecode:0437L2
Pleaseseepage7formoreinformation
FTR-F2 SERIES
POWER RELAY
1 POLE—5A (CADMIuM FREE CONTACTS TYPE)
RoHS compliant
(a)
SeriesName
FTR-F2series
(b)
ContactArrangement
A:FormA(SPST-NO)
(c)
CoilType
K:Standard(530mW)
L:Highsensitivity(250mW)
A:Sealedtype(530mW)
(d)
CoilNominalVoltage/
Contactmaterial
005:5DC
006:6DC
009: 9DC
02:2DC
024:24DC
048:48DC
(e)
TV-Rating
T:Silvertinoxide/TV-5


Similar Part No. - FTR-F2AA012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F2AK005T FUJITSU-FTR-F2AK005T Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
FTR-F2AK006T FUJITSU-FTR-F2AK006T Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
FTR-F2AK009T FUJITSU-FTR-F2AK009T Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
FTR-F2AK012T FUJITSU-FTR-F2AK012T Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
FTR-F2AK024T FUJITSU-FTR-F2AK024T Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
More results

Similar Description - FTR-F2AA012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com