Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F4GAK012T Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-F4GAK012T
Description  POWER RELAY 2 POLE - 5A - 1.5mm contact gap
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F4GAK012T Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FTR-F4GAK012T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F4GAK012T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F4GAK012T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F4GAK012T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F4GAK012T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F4GAK012T Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
FTR-K1 SERIES
Japan
FujitsuComponentLimited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo141,Japan
Tel:(81-3)5449-7010
Fax:(81-3)5449-2626
Email:promothq@ft.ed.fujitsu.com
Web:www.fcl.fujitsu.com
North and South America
FujitsuComponentsAmerica,Inc.
250E.CaribbeanDrive
Sunnyvale,CA94089U.S.A.
Tel:(1-408)745-4900
Fax:(1-408)745-4970
Email:components@us.fujitsu.com
Web:http://us.fujitsu.com/components
Europe
FujitsuComponentsEuropeB.V.
Diamantlaan25
2132WVHoofddorp
Netherlands
Tel:(31-23)5560910
Fax:(31-23)5560950
Email:info@fceu.fujitsu.com
Web:emea.fujitsu.com/components/
Asia Pacific
FujitsuComponentsAsiaLtd.
102EPasirPanjangRoad
#01-01CitilinkWarehouseComplex
Singapore118529
Tel:(65)6375-8560
Fax:(65)6273-3021
Email:fcal@fcal.fujitsu.com
Web:http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2009FujitsuComponentsEuropeB.V.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective
owners.
Thecontents,dataandinformationinthisdatasheetareprovidedbyFujitsuComponentLtd.asaserviceonlytoitsuserandonlyforgen-
eralinformationpurposes.
Theuseofthecontents,dataandinformationprovidedinthisdatasheetisattheusers’ownrisk.
Fujitsuhasassembledthisdatasheetwithcareandwillendeavortokeepthecontents,dataandinformationcorrect,accurate,comprehen-
sive,completeanduptodate.
FujitsuComponentsEuropeB.V.andaffiliatedcompaniesdohowevernotacceptanyresponsibilityorliabilityontheirbehalf,noronbehalf
ofitsemployees,foranylossordamage,direct,indirectorconsequential,withrespecttothisdatasheet,itscontents,data,andinformation
andrelatedgraphicsandthecorrectness,reliability,accuracy,comprehensiveness,usefulness,availabilityandcompletenessthereof.
NordoFujitsuComponentsEuropeB.V.andaffiliatedcompaniesacceptontheirbehalf,noronbehalfofitsemployees,anyresponsibility
orliabilityforanyrepresentationorwarrantofanykind,expressorimplied,includingwarrantiesofanykindformerchantabilityorfitnessfor
particularuse,withrespecttothesedatasheets,itscontents,data,informationandrelatedgraphicsandthecorrectness,reliability,accuracy,
comprehensiveness,usefulness,availabilityandcompletenessthereof.Rev.October15,2009
FTR-F4G SERIES


Similar Part No. - FTR-F4GAK012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
More results

Similar Description - FTR-F4GAK012T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com