Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F1AL018RRG Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FTR-F1AL018RRG
Description  FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AL018RRG Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FTR-F1AL018RRG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AL018RRG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AL018RRG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AL018RRG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AL018RRG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AL018RRG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AL018RRG Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FTR-F1 SERIES
1. General Information
l
Relays produced after the specific date code that is indicated on each data sheet are lead-free
now. All our signal and power relays are lead-free. Please refer to Lead-Free Status Info.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu.
l
All signal and power relays also comply with RoHS. Please refer to individual data
sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that
are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE).
l
It has been verified that using lead-free relays in leaded assembly process will not cause any
problems (compatible).
l
“LF” is marked on each outer and inner carton. (No marking on individual relays).
l
To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office.
l
We will ship leaded relays as long as the leaded relay inventory exists.
Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Relay Information
Reflow Solder condition
3. Moisture Sensitivity
l
Moisture Sensitivity Level standard is not applicable to electromechanical realys.
4. Tin Whisker
l
Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in
house test.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
Soldering:
dip within 5 sec. at
260˚C soler bath
Solder by Soldering Iron:
Soldering Iron
Temperature: maximum 360˚C
Duration:
maximum 3 sec.


Similar Part No. - FTR-F1AL018RRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AA003T-RG FUJITSU-FTR-F1AA003T-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AL018RRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
logo
Adam Technologies, Inc.
DME-A-02-V ADAM-TECH-DME-A-02-V Datasheet
67Kb / 1P
   WIRE TO BOARD A TYPE 2 POLES
logo
SUYIN USA, INC.
070263MR SUYIN-USA-070263MR Datasheet
127Kb / 1P
   15 PIN D-SUB CONNECTOR MALE R/A TYPE LOW PROFILE
070207FR SUYIN-USA-070207FR Datasheet
137Kb / 1P
   15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
070922FR015S101CY SUYIN-USA-070922FR015S101CY Datasheet
100Kb / 1P
   15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
020137MR SUYIN-USA-020137MR Datasheet
112Kb / 1P
   USB A TYPE R/A DIP TYPE
020169MR004G103ZU SUYIN-USA-020169MR004G103ZU Datasheet
70Kb / 1P
   USB CONNECTOR R/A DIP TYPE SERIES A
020133MR004SX25ZL SUYIN-USA-020133MR004SX25ZL Datasheet
78Kb / 1P
   USB CONNECTOR R/A DIP TYPE SERIES A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com