Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F2AK009T Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-F2AK009T
Description  POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F2AK009T Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-F2AK009T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F2AK009T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F2AK009T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F2AK009T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F2AK009T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F2AK009T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F2AK009T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F2AK009T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-F2 Series
n
SPECIFICATIONS
Item
Standard
Sensitive
Sealed
F2AK()T
F2AL()T
F2AA()T
Contact
Arrangement
formA(SPST-NO)
Material
Silvertinoxide
Configuration
Single
Resistance(initial)
Maximum 100 mΩ at 6 VDC, 1 A
Rating(resistive)
250VAC/30VDC/5A
MaximumCarryingCurrent
5A
MaximumSwitchingRating
250VA/50A
MaximumSwitchingVoltage
400VAC/300VDC
MaximumSwitchingLoad*
00mA,5VDC
Coil
NominalPower(20°C)
530mW
250mW
530mW
OperatePower(20°C)
260mW
60mW
260mW
OperatingTemperature
-40ºCto+70ºC(nofrost)
TimeValue OperateTime(atnominalvoltage) Maximum5ms
ReleaseTime(atnominalvoltage) Maximum5ms
Life
Mechanical
2x06operationsminimum
Electrical
ACContactrating
00x03operationsmin.
50x03opera-
tionsmin.
DCContactRating
00x03operationsminimum
5x03opera-
tionsminimum
Lampload(TV-5)
25x03operationsminimum
Other
Vibration
Resistance
Misoperation
0to55Hz,atdoubleamplitudeof.5mm
Endurance
0to55Hz,atdoubleamplitudeof.5mm
Shock
Resistance
Misoperation
Min.200m/s2(±ms)
Endurance
Min.,000m/s2(±ms)
Weight
Approximately2g
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.
SensitiveType(250mW)
CoilVoltage
Nominal
Voltage(VDC)
Max.Coil
Voltage*
CoilResistance
(±0%)
MustOperate
Voltage*2
MustRelease
Voltage*2
005
5
2.5VDC
100 Ω
4.0VDC
0.25VDC
006
6
5.0VDC
145 Ω
4.8VDC
0.30VDC
009
9
22.5VDC
325 Ω
7.2VDC
0.45VDC
02
2
30.0VDC
575 Ω
9.6 VDC
0.60VDC
05
5
37.5VDC
900 Ω
2.0VDC
0.75VDC
024
24
60.0VDC
2,310 Ω
19.2 VDC
.20VDC
Note:Allvaluesinthetablearemeasuredat20°C.
*:Nocontactcurrentat20°C
*2: Specified values are subject to pulse wave voltage


Similar Part No. - FTR-F2AK009T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F2AK009T FUJITSU-FTR-F2AK009T Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
More results

Similar Description - FTR-F2AK009T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com