Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-K1AK006WMABG Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K1AK006WMABG
Description  POWER RELAY 1 POLE - 12A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AK006WMABG Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K1AK006WMABG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1AK006WMABG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FTR-K1 SERIES
n
PART NUMBERS
OrderingPartNumber
Series
Contact
CoilPower
Coil
Voltage
Contact
Material
Terminal
Pitch
FTR-KAK005W-MA
FTR-K
A:formA
K:400mW
5
W:Ag-
SnO2
MA:3.5mm
FTR-KAK006W-MA
6
FTR-KAK009W-MA
9
FTR-KAK02W-MA
2
FTR-KAK08W-MA
8
FTR-KAK022W-MA
22
FTR-KAK024W-MA
24
FTR-KAK028W-MA
28
FTR-KAK048W-MA
K:430mW
48
FTR-KCK005W-MA
C:formC
K:400mW
5
FTR-KCK006W-MA
6
FTR-KCK009W-MA
9
FTR-KCK02W-MA
2
FTR-KCK08W-MA
8
FTR-KCK022W-MA
22
FTR-KCK024W-MA
24
FTR-KCK028W-MA
28
FTR-KCK048W-MA
K:430mW
48
3.5mmpitchandsilvertinoxidetype
OrderingPartNumber
Series
Contact
CoilPower
Coil
Voltage
Contact
Material
Terminal
Pitch
FTR-KAK005E-MA
FTR-K
A:formA
K:400mW
5
E:AgNi
MA:3.5mm
FTR-KAK006E-MA
6
FTR-KAK009E-MA
9
FTR-KAK02E-MA
2
FTR-KAK08E-MA
8
FTR-KAK022E-MA
22
FTR-KAK024E-MA
24
FTR-KAK028E-MA
28
FTR-KAK048E-MA
K:430mW
48
FTR-KCK005E-MA
C:formC
K:400mW
5
FTR-KCK006E-MA
6
FTR-KCK009E-MA
9
FTR-KCK02E-MA
2
FTR-KCK08E-MA
8
FTR-KCK022E-MA
22
FTR-KCK024E-MA
24
FTR-KCK028E-MA
28
FTR-KCK048E-MA
K:430mW
48
3.5mmpitchandsilvernickeltype


Similar Part No. - FTR-K1AK006WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK006W- FUJITSU-FTR-K1AK006W- Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK006W-HT FUJITSU-FTR-K1AK006W-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1AK006W-LA FUJITSU-FTR-K1AK006W-LA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK006W-LB FUJITSU-FTR-K1AK006W-LB Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK006W-MA FUJITSU-FTR-K1AK006W-MA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1AK006WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com