Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-K1AK012E Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K1AK012E
Description  POWER RELAY 1 POLE - 16A Silver Nickel Contact
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AK012E Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K1AK012E Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AK012E Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AK012E Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AK012E Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AK012E Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AK012E Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AK012E Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AK012E Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

FTR-K1 SERIES
(a)
SeriesName
FTR-K:FTR-KSeries
(b)
ContactArrangement
A
:formA(SPST-NO)
C
:formC(SPDT)
(c)
CoilType/Enclosure
K
:Standard(400mW)/fluxfree
(d)
NominalVoltage
005
:5VDC,
006:6VDC,
009:9VDC
02:2VDC
08
:8VDC
022:022VDC
024:24VDC, 028:28VDC
048 :48VDC
(e)
ContactMaterial
E
:AgNi
n
FEATURES
l
Suitableforlowcurrentload(silvernickel)
l
Lowprofile(height:15.7mm)
l
HIGHISOLATION
InsulationDistance(betweencoilandcontacts):10mmmin.
Dielectricstrength:5KV
Surgestrength:10KV
l
Lowcoilpower(400mW)
l
SAFETYSTANDARDS
UL,CSA,VDE,SEMKOapproved
UL,CSATV-5ratingapproved(formAtype)
l
RoHSCompliant
l
ULFclassisolation
l
VDEGlow-wireignitablilitytest775(IEC60335-1)approved
Actualmarkingdoesnotcarrythetypename:"FTR"
E.g.:Orderingcode:FTR-K1CK012W
Actualmarking:K1CK012W
POWER RELAY
1 POLE - 16A Silver Nickel Contact
FTR-K1 Series
n
ORDERING INFORMATION
FTR-K C K 005 W
[Example]
(a)
(b) (c) (d) (e)
RoHS compliant


Similar Part No. - FTR-K1AK012E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK012EMABG FUJITSU-FTR-K1AK012EMABG Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1AK012EMBBG FUJITSU-FTR-K1AK012EMBBG Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
More results

Similar Description - FTR-K1AK012E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Semiconductor
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
Fujitsu Component Limit...
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com