Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7764-H-ABCN-D-EGO-I Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7764-H-ABCN-D-EGO-I
Description  IEC Appliance Inlet C14 with Circuit Breaker
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7764-H-ABCN-D-EGO-I Datasheet(HTML) 1 Page - Schurter Inc.

  7764-H-ABCN-D-EGO-I Datasheet HTML 1Page - Schurter Inc. 7764-H-ABCN-D-EGO-I Datasheet HTML 2Page - Schurter Inc. 7764-H-ABCN-D-EGO-I Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Power entry modules without line filter
7764
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with Circuit Breaker
C14
70° C
Description
-PanelMount:
Snap-inversion,fromfrontsideApplianceInlet,ProtectionclassI,Cir-
cuitbreakertypeTA35,
-Solderterminalsorquickconnectterminals
-Werecommendfornewapplicationsthenewtype6135
Approvals
-VDELicenseNumber:40017874
-ULLicenseNumber:E88880
-CSALicenseNumber:1249302
Characteristics
-Lineswitchnon-illuminatedorilluminated
Thermaloverloadprotection
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/250VAC;60Hz
DielectricStrength
>4kVACbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Solderterminalsorquickconnectter-
minals
PanelThicknesss
Snap-in:1.5/2.5mm
Material:Housing
black,UL94V-0
ApplianceInlet
C14acc.toIEC/EN60320-1
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
CircuitBreakers
2-polerockerswitch,illuminatedornon-
illuminated.
LineSwitch
Rockerswitch,non-illuminatedblack,
acc.toIEC61058-1
Technicaldetails
Dimensions
30mm
41.6
30
3.2
27.2
27.4
+0.2
- 0
"X"
lenght of the terminal please find at the order code configuration table
Dimension "X" please ref. to table order code


Similar Part No. - 7764-H-ABCN-D-EGO-I

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7764 SCHURTER-7764 Datasheet
388Kb / 3P
   IEC Appliance Inlet C14 with Circuit Breaker
logo
Tyco Electronics
776427-1 MACOM-776427-1 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
776427-2 MACOM-776427-2 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
776427-3 MACOM-776427-3 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
776427-4 MACOM-776427-4 Datasheet
1Mb / 34P
   AMPSEAL 16 Connector System
More results

Similar Description - 7764-H-ABCN-D-EGO-I

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7764 SCHURTER-7764_V01 Datasheet
388Kb / 3P
   IEC Appliance Inlet C14 with Circuit Breaker
6145 SCHURTER-6145_17 Datasheet
508Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_V01 Datasheet
575Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
6145 SCHURTER-6145_18 Datasheet
622Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
DF11 SCHURTER-DF11 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with recessed Circuit Breaker TA45
5145 SCHURTER-5145 Datasheet
1Mb / 6P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
DF12 SCHURTER-DF12_18 Datasheet
703Kb / 7P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA45
6135 SCHURTER-6135_V02 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
08.12.2021
6135 SCHURTER-6135_V01 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com