Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-K1CK005T-MA-RG Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-K1CK005T-MA-RG
Description  POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK005T-MA-RG Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-K1CK005T-MA-RG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1CK005T-MA-RG Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image

FTR-K1 SERIES
FTR-K1 Series
POWER RELAY
1 POLE - 16A/12A/10A Transparent cover
(a)
Relaytype
FTR-K:FTR-KSeries
(b)
Contactconfiguration
A
:1formA(SPST-NO)
C
:1formC(SPDT)(standardtype"K"only)
(c)
Coiltype
K
:Standardtype(400mW)/fluxfree
L
:Highsensitive(250mW)/fluxfree
(d)
Coilratedvoltage
005
:5.....48VDC
Coilratingtableatpage7
(e)
Contactmaterial
W
:AgSnO2(applicablefor1formC)
T
:AgSnO2(applicablefor16A,1formA)(TV-5)
E
:AgNi(90/10)
(f)
Contactrating/Terminalpitch
Nil :16A,5mmpitch
MA
:12Aand3.5mmptich
MB
:12Aand5.0mmpitch
LA
:10Aand3.5mmpitch
LB
:10Aand5.0mmpitch
(g)
Specialtype
RG
:Transparentcover
Actualmarkingdoesnotcarrythetypename:"FTR"
E.g.:Orderingcode:FTR-K1CK005W
Actualmarking:K1CK005W("RG"ismarkedontherelay)
n
PARTNUMBER INFORMATION
FTR-K1 C K005W-MA-RG
[Example]
(a)
(b) (c) (d) (e)(f)(g)
n
FEATURES
l
16A,12A,10Aversions
l
Transparentcover
l
Lowprofile(height:15.7mm)
l
Highinsulation
Insulationdistance(betweencoilandcontacts):10mmmin.
Dielectricstrength:5KV
Surgestrength:10KV
l
ULFclassisolationwire
l
Lowcoilpower(400mW)
l
Cadmiumfreecontacts
l
Safetystandards
UL,CSA,VDE,SEMKOapproved
UL,CSATV-5ratingapproved(1formAtype)
l
RoHScompliant
Pleaseseepage13formoreinformation


Similar Part No. - FTR-K1CK005T-MA-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK005T-MA FUJITSU-FTR-K1CK005T-MA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1CK005T-MA-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com