Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-H1AA006TRG Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-H1AA006TRG
Description  POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H1AA006TRG Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-H1AA006TRG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-H1AA006TRG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FTR-H1 SERIES
n
SPECIFICATIONS
Item
FTR-H1 (AC) A ( )
FTR-H1 A A ( )T
FTR-H1 (AC) D ( )V
Contact Arrangement
1 form A (SPST-NO),
1 form C (SPDT)
1 form A (SPST-NO) 1 form A (SPST-NO)
1 form C (SPDT)
Material
Movable: gold plate silver tin oxide, stationary: silver tin oxide
Configuration
Single
Resistance (initial)
Maximum 100 mΩ at 1 A, 6 VDC
Rating
10 A, 250 VAC / 30 VDC
Maximum Carrying Current*1
14 A
Maximum Switching Rating
2,500 VA / 300 W
Maximum Switching Voltage
400 VAC / 300VDC
Maximum Switching Load*2
10 mA 5 VDC
Coil
Nominal Power (at 20ºC)
530 mW
400 mW
Operate Power (at 20ºC)
260 mW
230 mW
Operating Temperature
-40ºC to +75ºC (no frost) (Refer to Characteristic Data)
-40ºC to +70ºC (transparency cover type)
Time
Value
Operate (at nominal value)
Maximum 10 ms
Release (at nominal value)
Maximum 5 ms
Life
Mechanical
2 x 107 operations minimum
Electrical
AC load
1 x 105 operations minimum
DC load
1 x 105 operations minimum
Lamp load (TV-5) -
2.5 x 104 ops. min.
-
Other
Vibration
Resistance
Misoperation
10 to 55 Hz, at double amplitude of 1.65 mm
Endurance
10-55Hz, at double amplitude of 3.3 mm
Shock
Resistance
Misoperation
Min. 100m/s2 (11±1ms)
Endurance
Min. 1,000m/s2 (6±1ms)
Weight
Approximately 12g
*1 Need to consider the head from PCB when max. current is more than 10A.
*2 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.


Similar Part No. - FTR-H1AA006TRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1AA006T FUJITSU-FTR-H1AA006T Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
More results

Similar Description - FTR-H1AA006TRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com