Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-H1AA009TRG Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-H1AA009TRG
Description  POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H1AA009TRG Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-H1AA009TRG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-H1AA009TRG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FTR-H1 SERIES
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage (VDC)
Max. Coil
Voltage*1
Coil
Resistance ( ±10%)
Must Operate
Voltage*2
Must
ReleaseVoltage*2
005
5
8.2 VDC
47 Ω
3.5 VDC
0.5 VDC
006
6
9.9 VDC
68 Ω
4.2 VDC
0.6 VDC
009
9
14.8 VDC
155 Ω
6.3 VDC
0.9 VDC
012
12
19.8 VDC
270 Ω
8.4 VDC
1.2 VDC
024
24
39.6 VDC
1,100 Ω
16.8 VDC
2.4 VDC
048
48
79.2 VDC
4,400 Ω
33.6 VDC
4.8 VDC
Note: All values in the table are measured at 20°C.
*1: No contact current at 20°C
*2: Specified values are subject to pulse wave voltage
Coil
Voltage
Nominal Volt-
age (VDC)
Max. Coil
Voltage*1
Coil
Resistance ( ±10%)
Must Operate
Voltage*2
Must
Release Voltage*2
005
5
9.7 VDC
62 Ω
3.75 VDC
0.5 VDC
006
6
11.7 VDC
90 Ω
4.5 VDC
0.6 VDC
009
9
17.5 VDC
202 Ω
6.75 VDC
0.9 VDC
012
12
23.4 VDC
360 Ω
9.0 VDC
1.2 VDC
024
24
46.8 VDC
1,440 Ω
18.0 VDC
2.4 VDC
048
48
93.6 VDC
5,760 Ω
36.0 VDC
4.8 VDC
Standard type (530 mW)
High sensitive type (400 mW)


Similar Part No. - FTR-H1AA009TRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1AA009T FUJITSU-FTR-H1AA009T Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
More results

Similar Description - FTR-H1AA009TRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com