Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-MYAA012D Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-MYAA012D
Description  POWER RELAY 1 POLE - 5A SLIM POWER RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-MYAA012D Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-MYAA012D Datasheet HTML 1Page - Fujitsu Component Limited. FTR-MYAA012D Datasheet HTML 2Page - Fujitsu Component Limited. FTR-MYAA012D Datasheet HTML 3Page - Fujitsu Component Limited. FTR-MYAA012D Datasheet HTML 4Page - Fujitsu Component Limited. FTR-MYAA012D Datasheet HTML 5Page - Fujitsu Component Limited. FTR-MYAA012D Datasheet HTML 6Page - Fujitsu Component Limited. FTR-MYAA012D Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FTR-MY SERIES
n
INSULATION
Item
FTR-MY
Note
Resistance (initial)
Minimum 1,000 MΩ
at 500 VDC
Dielectric
Strength
open contacts
750 VAC 1 min.
coil and contacts 3,000 VAC 1 min.
Surge Voltage
5,080 V
1.2 x 50µs standard wave
Type
Compliance
Contact rating
UL
UL 508, UL 1604
E63614, E225300
Flammability: UL 94-V0 (plastics)
5A, 277 VAC (resistive)
5A, 30 VDC (resistive)
1/10 HP, 277VAC /125VAC
Pilot duty: D300, C300, R300
CSA
C22.2 No. 14
LR 40304
n
SAFETY STANDARDS


Similar Part No. - FTR-MYAA012D

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
logo
Adam Technologies, Inc.
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1519-V2 FINISAR-FTR-1519-V2 Datasheet
159Kb / 8P
   80km Extended GBIC Transceiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-MYAA012D

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
   Slim (7.2mm .283inch), 1 Form A 5A power relay
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
   1a 5A slim power relay for interface
logo
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com