Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-LYAA005Y Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-LYAA005Y
Description  POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYAA005Y Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-LYAA005Y Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 8Page - Fujitsu Component Limited. FTR-LYAA005Y Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FTR-LY SERIES

(a)
SeriesName
FTR-LY:FTR-LYSeries
(b)
ContactArrangement
A
:formA
P:formA(RightAngleType)
C
:formC
R:formC(RightAngleType)
(c)
CoilType
A
:Standard(70mW)
(d)
NominalVoltage
005
:5VDC,006:6VDC,(refertoCOILDATAchart)
02
:2VDC,024:24VDC,
048:48VDC
(e)
ContactMaterial
E
:AgNi
Y
:AgSnO2
V
:AgSnO2+Au(0.3µm)
(f)
SocketType
Nil
:PCBmountingtype
SK
:Socketmountingtype(contactarrangementAandConly)
n
FEATURES
l
Slim(5.0mm(h)x5.0mm(w)x28.0mm(l)
l
formCavailable
l
Mountingspace:40mm2,weight:5.0g
l
Highinsulationinsmallpackage
-InsulationDistance(Betweencoilandcontacts):8mm
(crepage/clearance)
-Dielectricstrength:4,000VAC
-Surgestrength:6,000V
l
UL,CSA,VDE,SEMKO,FIMKO,DEMKO,NEMKO
compliance
l
Containsnoleadandfeaturescadmium-freecontacts
l
Sockettypeavailable
l
RoHSCompliant
Pleaseseepage9formoreinformation
l
Plasticsealed
Actualmarkingdoesnotcarrythetypename:"FTR"and"SK"
E.g.:Orderingcode:FTR-LYAA02Y
Actualmarking:LYAA02Y
POWER RELAY
1 POLE - 6A (MEDIUM LOAD CONTROL)
SLIM TYPE
FTR-LY Series
n
ORDERING INFORMATION
FTR-LY A
A 005 Y
SK
[Example]
(a)
(b) (c) (d) (e)
(f)
RoHS compliant


Similar Part No. - FTR-LYAA005Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYAA005Y FUJITSU-FTR-LYAA005Y Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA005YNIL FUJITSU-FTR-LYAA005YNIL Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
FTR-LYAA005YSK FUJITSU-FTR-LYAA005YSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA005YSK FUJITSU-FTR-LYAA005YSK Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
More results

Similar Description - FTR-LYAA005Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com