Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-LYAA006Y Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # FTR-LYAA006Y
Description  POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYAA006Y Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button FTR-LYAA006Y Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 8Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 9Page - Fujitsu Component Limited. FTR-LYAA006Y Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FTR-LY SERIES
0
Japan
Fujitsu Component Limited
Gotanda-ChuoBuilding
3-5,Higashigotanda2-chome,Shinagawa-ku
Tokyo4,Japan
Tel:(8-3)5449-700
Fax:(8-3)5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250E.CaribbeanDrive
Sunnyvale,CA94089U.S.A.
Tel:(-408)745-4900
Fax:(-408)745-4970
Email: components@us.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan25
232WVHoofddorp
Netherlands
Tel:(3-23)556090
Fax:(3-23)5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#0-0CitilinkWarehouseComplex
Singapore8529
Tel:(65)6375-8560
Fax:(65)6273-302
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2009 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev.February2,2009.


Similar Part No. - FTR-LYAA006Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYAA006Y FUJITSU-FTR-LYAA006Y Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA006YNIL FUJITSU-FTR-LYAA006YNIL Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
FTR-LYAA006YSK FUJITSU-FTR-LYAA006YSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA006YSK FUJITSU-FTR-LYAA006YSK Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
More results

Similar Description - FTR-LYAA006Y

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com