Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPRNS6110KDC9 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # UPRNS6110KDC9
Description  UPRNS Network Precision Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRNS6110KDC9 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPRNS6110KDC9 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRNS6110KDC9 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRNS6110KDC9 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRNS6110KDC9 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
Dimensions & Technical Characteristics
Precision Resistor Network (UPRNS) Dimensions
Examples for Construction
C
D
E
B
A
UPRNS A(mm)±0.5
14.20 16.90 19.34 21.90 24.10 27.16 35.00 42.30 50.80
Number of Pins
5
6
7
8
9
10
13
16
19
Dimensions (mm)
A
14.20±0.5 ~ 50.80±0.5
B
12.0±0.5
C
0.6±0.05
D
2.54±0.05
E
4.5±0.5
Rated Wattage of one element unit at 70°C (W) 0.1
Maximum Working Voltage (V)
200
Nominal Resistance Range of component
element unit (Ω)
10 ~ 1M
Absolute Tolerance (%)
A2(±0.02), A5(±0.05), B(±0.1), C(±0.25), D(±0.5), F(±1.0)
Relative Tolerance (%)
T(±0.01), A2(±0.02), A5(±0.05), B(±0.1)
Absolute Temperature Coefficient (ppm/°C)
C7(±5), C6(±10), C5(±15), C3(±25), C2(±50)
Relative Temperature Coefficient (ppm/°C)
C10(±2), C9(±3), C7(±5), C6(±10), C5(±15)
Working Temperature (°C)
-10 ~ +70
○ There are no standard nominal resistance for UPRNS/UPRND Series.
○ Customer can designate or specify the number of component elements of Network Resistor according with this
specification of UPRNS/UPRND Series to meet your own needs.
○ It can be required to Token’s representatives if customer’s requirement beyonds the range of Token’s
specifications.
TYPE 1
TYPE 2
TYPE 3
Precision Resistor Network (UPRNS) Examples for Construction
Version 2010
UPRNS Network Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - UPRNS6110KDC9

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPRNS6110KA2C3 TOKEN-UPRNS6110KA2C3 Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRNS6110KA2C5 TOKEN-UPRNS6110KA2C5 Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRNS6110KA2C6 TOKEN-UPRNS6110KA2C6 Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRNS6110KA2C7 TOKEN-UPRNS6110KA2C7 Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRNS6110KA5C3 TOKEN-UPRNS6110KA5C3 Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
More results

Similar Description - UPRNS6110KDC9

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPRND210RA2C7 TOKEN-UPRND210RA2C7 Datasheet
343Kb / 4P
   UPRND Network Precision Resistors
UPR10RA2C3P TOKEN-UPR10RA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPRA2C3P TOKEN-UPRA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
   UPSC Extra Precision Network Resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
   RN series, RA series, ultra-precision chip network resistors
logo
HOKURIKU ELECTRIC INDUS...
NCR104 HOKURIKU-NCR104 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
   RQL50 NETWORK RESISTORS
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com