Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F1AA060V Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-F1AA060V
Description  POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AA060V Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-F1AA060V Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 8Page - Fujitsu Component Limited. FTR-F1AA060V Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
n
FEATURES
l
Low profile power relay (height 16.5 mm) employing
unique construction
l
DPST/DPDT 5 A, TV-3 rating available
l
Higher isolation by employing reinforced insulation co
struction
Insulation distance: 8 mm (between coil and contact)
Dielectric strength: 5 kV (between coil and contact)
Surge strength: 10 kV (between coil and contact)
l
Pin configuration compatible to VB/FBR620
l
UL, CSA, VDE, SEMKO, SEV, CQC, FIMKO, IMQ,
DEMKO, NEMKO recognized
l
RoHS compliant since date code: 0434R
Please see page 8 for more information
n
ORDERING INFORMATION - 5A Rating Type
FTR-F1
A
A
005
V
– **
[Example]
(a)
(b) (c)
(d)
(e)
(f)
FTR-F1 SERIES
POWER RELAY
2 POLES—5 A LOW PROFILE TYPE
1
(a)
Series Name
FTR-F1 : FTR-F1 Series
(b)
Contact Arrangement
A
: 2 form A (DPST-NO)
C
: 2 form C (DPDT)
(c)
Coil Type
A
: Standard type (530 mW)
D
: High sensitive type (400 mW)
(d)
Nominal Voltage
003
: 3 VDC (high sensitive type 'D' only)
005
: 5 VDC
012: 12 VDC
048: 48 VDC
006
: 6 VDC
018: 18 VDC
060: 60 VDC
009
: 9 VDC
024: 24 VDC
110: 110 VDC
(e)
Contact Material/TV Type
V
: Gold plate silver tin oxide (standard type)
T
: Gold plate silver tin oxide (TV-3 rating type, only standard make type)
(f)
Custom Designation
RG
: Transparency cover
Ordering Code:
FTR-F1AA005V
Actual Marking:
F1AA005V
RoHS compliant


Similar Part No. - FTR-F1AA060V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AA003T FUJITSU-FTR-F1AA003T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA003V FUJITSU-FTR-F1AA003V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005T FUJITSU-FTR-F1AA005T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA005V FUJITSU-FTR-F1AA005V Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1AA006T FUJITSU-FTR-F1AA006T Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AA060V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1 Datasheet
729Kb / 8P
   POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
FTR-F1R FUJITSU-FTR-F1R Datasheet
645Kb / 7P
   FTR-F1 R SERIES 2 POLES-8 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FBR18 FUJITSU-FBR18 Datasheet
57Kb / 6P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com