Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-P4CP010W1 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTR-P4CP010W1
Description  COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P4CP010W1 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FTR-P4CP010W1 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-P4CP010W1 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FTR-P4 SERIES
n
DIMENSIONS AND SCHEMATICS
RecommendedPCBholelayoutandsche-
matic
(Bottomview)
Unit:mm
Dimensions
P4CN012W1
F & T
5
7-ø1.5
(1.2)
14.2+0.5
17.4+0.5
5
5
n
PRECAUTIONS
PleaserefertotheEngineeringReferenceinourrelaydatabookforgeneralprecautions.
5.0
4-1.0
4-0.4
3-0.25
5.0
5.0


Similar Part No. - FTR-P4CP010W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P4CP010W1 FUJITSU-FTR-P4CP010W1 Datasheet
67Kb / 7P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P4CP010W1-01 FUJITSU-FTR-P4CP010W1-01 Datasheet
67Kb / 7P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE-25 A FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - FTR-P4CP010W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P4 FUJITSU-FTR-P4 Datasheet
67Kb / 7P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P2 FUJITSU-FTR-P2 Datasheet
57Kb / 6P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2 FUJITSU-FTR-P2_08 Datasheet
606Kb / 9P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
logo
American Zettler, Inc.
AZ9891H AZETTLER-AZ9891H Datasheet
118Kb / 2P
   25 AMP SUB-MICRO TWIN H-BRIDGE AUTOMOTIVE RELAY
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR562 FUJITSU-FBR562_09 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR512 FUJITSU-FBR512 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com